Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
23
DATA SLOT MAPPING
DAC data and SPDIF data sent to the device, ADC data sent from the device, can be optionally
mapped into alternative slots under control of slot mapping bits located as follows:
SLOT MAPPING DATA
TYPE
CONTROL
BITS
REGISTER LOCATION
DAC data
DSA[1,0]
28h
SPDIF data
SPSA[1,0]
2Ah
ADC data
ASS[1,0]
5Ch (non-AC’97 feature)
Table 4 Data Slot Mapping Control
Default values and functional behavior are further described in the Serial Interface Register Map
description. DAC slot mapping defaults are in Table 2.
AC-LINK DIGITAL SERIAL INTERFACE PROTOCOL
A digital interface has been provided to control the WM9705 and transfer data to and from it. This
serial interface is compatible with the Intel AC’97 specification.
The main control interface functions are:
•
Control of analogue gain and signal paths through the mixer
•
Bi-directional transfer of ADC and DAC words to and from AC’97 controller
•
Selection of power-down modes
•
Control of pen digitizer function
•
Transfer of pen digitizer information and auxiliary conversion results from the codec
The WM9705 incorporates a 5-pin digital serial interface that links it to the AC’97 controller. AC-
link is a bi-directional, fixed rate, serial PCM digital stream. It handles multiple input and output
audio streams, as well as control register accesses employing a time division multiplexed (TDM)
scheme. The AC-link architecture divides each audio frame into 12 outgoing and 12 incoming
data streams, each with 20-bit sample resolution. With a minimum required DAC and ADC
resolution of 16-bits, AC’97 may also be implemented with 18 or 20-bit DAC/ADC resolution,
given the headroom that the AC-link architecture provides. The WM9705 provides support for 18-
bit audio operation.
SLOT
NUMBER
SYNC
SDATAOUT
SDATAIN
TAG PHASE
TAG
CMD
ADR
CMD
DATA
PCM
LEFT
PCM
RIGHT
RSRVD
RSRVD
RSRVD
TAG
STATUS
ADDR
STATUS
DATA
PCM
LEFT
PCM
RIGHT
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
DATA PHASE
01
23
4
5
67
89
10
11
12
PCM C
(n+1)
PCM R
(n+1)
PCM L
(n+1)
CODEC ID
SLOTREQ 3-12
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
RSRVD
Figure 11 AC’97 Standard Bi-directional Audio Frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com