Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
24
SYNC
BITCLK
SDATAOUT
VALID
FRAME
SLOT(1)
SLOT(2)
SLOT(12)
'0'
'0'
'0'
19
0
19
0
19
0
19
0
TAG PHASE
DATA PHASE
20.8
µS (48kHz)
12.288MHz
81.4nS
END OF PREVIOUS
AUDIO FRAME
TIME SLOT 'VALID' BITS
('1' = TIME SLOT CONTAINS
VALID PCM DATA)
SLOT (1)
SLOT (2)
SLOT (3)
SLOT (12)
Figure 12 AC-link Audio Output Frame
The datastreams currently defined by the AC’97 specification include:
PCM playback - 2 output slots
2-channel composite PCM output stream
PCM record data - 2 input slots
2-channel composite PCM input stream
Control - 2 output slots
Control Register write port
Status - 2 input slots
Control Register read port
Optional modem line codec output -
1 output slot
Modem line codec DAC input stream
Optional modem line codec input –
1 input slot
Modem line codec ADC output stream
Optional dedicated microphone input -
1 input slot
Dedicated microphone input stream in
support of stereo AEC and/or other voice
applications.
Synchronisation of all AC-link data transactions is signalled by the WM9705 controller. The
WM9705 drives the serial bit clock onto AC-link, which the AC’97 controller then qualifies with a
synchronisation signal to construct audio frames.
SYNC, fixed at 48kHz, is derived by dividing down the serial clock (BITCLK). BITCLK, fixed at
12.288MHz, provides the necessary clocking granularity to support 12, 20-bit outgoing and
incoming time slots. AC-link serial data is transitioned on each rising edge of BITCLK. The
receiver of AC-link data, (WM9705 for outgoing data and AC’97 controller for incoming data),
samples each serial bit on the falling edges of BITCLK.
The AC-link protocol provides for a special 16-bit time slot (slot 0) wherein each bit conveys a
valid tag for its corresponding time slot within the current audio frame. A 1 in a given bit position
of slot 0 indicates that the corresponding time slot within the current audio frame has been
assigned to a data stream, and contains valid data. If a slot is tagged invalid, it is the
responsibility of the source of the data, (the WM9705 for the input stream, AC’97 controller for the
output stream), to stuff all bit positions with 0s during that slot’s active time.
SYNC remains high for a total duration of 16 BITCLKs at the beginning of each audio frame.
The portion of the audio frame where SYNC is high is defined as the Tag Phase. The remainder
of the audio frame where SYNC is low is defined as the Data Phase. Additionally, for power
savings, all clock, sync, and data signals can be halted. This requires that the WM9705 be
implemented as a static design to allow its Register contents to remain intact when entering a
power savings mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com