Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 33 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 33 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 29Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 30Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 31Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 32Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 33Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 37Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
33
When the AC-link Codec Ready indicator bit (SDATAIN slot 0, bit 15) is a 1 it indicates that the
AC-link and the WM9705 control and status registers are in a fully operational state. The AC’97
controller must further probe this Powerdown Control/Status Register to determine exactly which
subsections, if any, are ready.
Note that the normal default condition of WM9705 when RESETB is applied is ‘all active’.
However, if pin MASK is pulled ‘hi’ during RESETB active, all PR bits are overridden and the
device enters a low power mode. This allows a low power standby mode to be entered without
writing to the device, a condition that is desirable for example, if batteries are changed in a PDA.
The state of the MASK pin is latched on the rising edge of RESETB and if MASK is ‘hi’ then the
WM9705 will remain in low power mode until register 26h is written to.
READ BIT
FUNCTION
REF
VREFs up to nominal level
ANL
Analogue mixers, etc ready
DAC
DAC section ready to accept data
ADC
ADC section ready to transmit data
Table 14 Powerdown Status Register Function
The Powerdown modes are as follows. The first three bits are to be used individually rather than
in combination with each other. The last bit PR3 can be used in combination with PR2 or by itself.
PR0 and PR1 control the PCM ADCs and DACs only. PR6 powers down just the stereo Line
Level output headphone amps on pins 39/41.
The WM9705 also includes a low power DAC to headphone mode, whereby resetting PR1and
PR6 enables the DAC and the path from the DAC to HPOUTL/R without having to power up the
main mixer (PR2). The POP bit (reg 20h) also needs to be set for this mode. The headphone
amplifier on the MONO output pin in not powered down by PR6, rather by PR2 or alternatively
may be enabled by setting MONOEN in register 74h.
WRITE BIT
FUNCTION
PR0
PCM in ADCs and input Mux Powerdown
PR1
PCM out DACs Powerdown
PR2
Analogue mixer Powerdown
(VREF still on)
PR3
Analogue mixer Powerdown (VREF off)
PR4
Digital interface (AC-link) Powerdown
(external clock off)
PR5
Internal clock disable
PR6
HP amp Powerdown
EAPD
External amplifier Powerdown
Table 15 Powerdown Control Register Function
PR0 = 1
PR1 = 1
PR2 = 1
PR4 = 1
PR0 = 0 AND
ADC = 1
DEFAULT
READY = 1
COLD RESET
WARM
RESET
PR2 = 0 AND
ANL = 1
PR1 = 0 AND
DAC = 1
ADCs OFF
PR0
DACs OFF
PR1
ANALOGUE
OFF PR2 OR
PR3
DIGITAL I/F
OFF PR4
SHUT OFF
CODA LINK
NORMAL
Figure 16 An Example of the WM9705 Powerdown/Powerup Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com