Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 21Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 22Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 23Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 24Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 25Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 26Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 27Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 28Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
25
AC-LINK AUDIO OUTPUT FRAME (SDATAOUT)
The audio output frame data streams correspond to the multiplexed bundles of all digital output
data targeting the WM9705’s DAC inputs, and control registers. As briefly mentioned earlier, each
audio output frame supports up to 12 20-bit outgoing data time slots. Slot 0 is a special reserved
time slot containing 16-bits, which are used for AC-link protocol infrastructure.
Within slot 0 the first bit is a global bit (SDATAOUT slot 0, bit 15) which flags the validity for the
entire audio frame. If the Valid Frame bit is a 1, this indicates that the current audio frame
contains at least one time slot of valid data. The next 12-bit positions sampled by the WM9705
indicate which of the corresponding 12 time slots contain valid data.
In this way data streams of differing sample rates can be transmitted across AC-link at its fixed
48kHz audio frame rate. Figure 11 illustrates the time slot based AC-link protocol.
SYNC
BITCLK
SDATAOUT
VALID
FRAME
SLOT (1)
SLOT (2)
WM9705 SAMPLES
SYNC ASSERTION HERE
WM9705 SAMPLES
FIRST SDATAOUT
BIT OF FRAME HERE
END OF PREVIOUS AUDIO FRAME
Figure 13 Start of an Audio Output Frame
A new audio output frame begins with a low to high transition of SYNC as shown in Figure 13.
SYNC is synchronous to the rising edge of BITCLK. On the immediately following falling edge of
BITCLK, the WM9705 samples the assertion of SYNC. This falling edge marks the time when
both sides of AC-link are aware of the start of a new audio frame. On the next rising edge of
BITCLK, AC’97 transitions SDATAOUT into the first bit position of slot 0 (Valid Frame bit). Each
new bit position is presented to AC-link on a rising edge of BITCLK, and subsequently sampled by
the WM9705 on the following falling edge of BITCLK. This sequence ensures that data transitions
and subsequent sample points for both incoming and outgoing data streams are time aligned.
Baseline AC’97 specified audio functionality MUST ALWAYS sample rate convert to and from a
fixed 48ks/s on the AC’97 controller. This requirement is necessary to ensure that interoperability
between the AC’97 controller and the WM9705, among other things, can be guaranteed by
definition for baseline specified AC’97 features.
SDATAOUT’s composite stream is MSB justified (MSB first) with all non-valid slot bit positions
stuffed with 0s by the AC’97 controller.
In the event that there are less than 20 valid bits within an assigned and valid time slot, the AC’97
controller always stuffs all trailing non-valid bit positions of the 20-bit slot with 0s.
As an example, consider an 8-bit sample stream that is being played out to one of the WM9705’s
DACs. The first 8 bit positions are presented to the DAC (MSB justified) followed by the next 12
bit positions, which are stuffed with 0s by the AC’97 controller. This ensures that regardless of the
resolution of the implemented DAC (16, 18 or 20-bit), no DC biasing will be introduced by the
least significant bits.
When mono audio sample streams are output from the AC’97 controller, it is necessary that
BOTH left and right sample stream time slots be filled with the same data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com