Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 30Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 31Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 32Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 33Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
34
Figure 16 illustrates one example procedure to do a complete Powerdown of the WM9705. From
normal operation sequential writes to the Powerdown Register are performed to Powerdown the
WM9705 a piece at a time. After everything has been shut off (PR0 to PR3 set), a final write (of
PR4) can be executed to shut down the WM9705’s digital interface (AC-link).
The part will remain in sleep mode with all its registers holding their static values. To wake up the
WM9705, the AC’97 controller will send a pulse on the sync line issuing a warm reset. This will
restart the WM9705’s digital interface (resetting PR4 to 0). The WM9705 can also be woken up
with a cold reset. A cold reset will cause a loss of values of the registers, as a cold reset will set
them to their default states. When a section is powered back on, the Powerdown Control/Status
Register (index 26h) should be read to verify that the section is ready (i.e. stable) before
attempting any operation that requires it.
PR0 = 1
PR1 = 1
PR4 = 1
NORMAL
ADC’s OFF
PR0
DIGITAL I/F
OFF PR4
WARM RESET
PR0 = 0 AND
ADC = 1
PR1 = 0 AND
DAC = 1
SHUT OFF
CODA LINK
DACs OFF
PR1
Figure 17 The WM9705 Powerdown Flow with Analogue Still Active
Figure
17 illustrates a state when all the mixers should work with the static volume settings that
are contained in their associated registers. This is used when the user could be playing a CD (or
external LINEIN source) through WM9705 to the speakers but have most of the system in low
power mode. The procedure for this follows the previous except that the analogue mixer is never
shut down.
The device can be used as a pen digitiser only, in order to set the WM9705 into this mode
powerdown bits PR3 to 0, PR6 and EAPD should be set.
Note that in order to go into ultimate low power mode, PR4 and PR5 are required to be set which
turns off the oscillator circuit. Asserting SYNC resets the PR4 and PR5 bit and re-starts the
oscillator in the same way as the AC link is restarted.
REGISTER 28h – EXTENDED AUDIO ID
The Extended Audio ID register is a read only register that identifies which extended audio
features are supported (in addition to the original AC’97 features identified by reading the reset
register at index 00h). A non zero value indicates the feature is supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com