Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 31Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 32Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 33Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
35
DATA BIT
FUNCTION
VALUE
VRA
Variable rate audio support
1
DRA
Double rate audio support
0
SPDIF
SPDIF transmitter supported
‘1’ = supported
VRM
Variable rate Mic ADC support
0
DSA0
DAC slot mapping control
See table below
DSA1
DAC slot mapping control
See table below
CDAC
Centre DAC support
0
SDAC
Surround DAC support
0
LDAC
LFE DAC support
0
AMAP
Slot mapping support for Codec ID
1
REV0
Revision number
1
REV1
Revision number
0
ID0
Codec configuration – pin 45 value
0 (Inverse of level at pin 45)
ID1
Codec configuration – fixed in WM9705
0
Table 16 Extended Audio ID Register
DSA1, DSA0
DAC SLOT MAPPING
00
Slots 3 and 4
01
Slots 7 and 8
10
Slots 6 and 9
11
Slots 10 and 11
Table 17 DAC Slot Mapping
DAC slot mapping to slots 7 and 8 or slots 6 and 9 cannot be used in variable rate mode (VRA=1)
for sample rates other than 48kHz.
REGISTER 2AH – EXTENDED AUDIO STATUS AND CONTROL REGISTER
The Extended Audio Status and Control Register is a read/write register that provides status and
control of the extended audio features. Note that SPDIF slot mapping default varies according to
codec pin configuration. See Table 2.
DATA BIT
FUNCTION
READ/WRITE
VRA
Enables variable rate audio mode
Read/write
SPDIF
SPDIF transmitter enable
Read/write
SPSA0
SPDIF slot assignment
Read/write
SPSA1
SPDIF slot assignment
Read/write
SPCV
SPDIF validity bit
Read
Table 18 Extended Audio Status and Control Register
SPSA0, SPSA1
SPDIF SLOT MAPPING
00
Slots 3 and 4
01
Slots 7 and 8
10
Slots 6 and 9
11
Slots 10 and 11
Table 19 SPDIF Slot Mapping
REGISTER 2Ch AND 32h – AUDIO SAMPLE RATE CONTROL REGISTERS
These registers are read/write registers that are written to, to select alternative sample rates for
the audio PCM converters. Default is the 48ks/s rate. Note that only Revision 2.2 recommended
rates are supported by the WM9705, selection of any other unsupported rates will cause the rate
to default to the nearest supported rate, and the supported rate value to be latched and so read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com