Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 41Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
38
ASS1, ASS0
ADC SLOT MAPPING ( L/R)
00
Slots 3 and 4
01
Slots 7 and 8
10
Slots 6 and 9
11
Slots 10 and 11
Table 22 ADC Slot Mapping Control
VENDOR SPECIFIC GAIN CONTROL REGISTER (INDEX 72h)
This register controls the gain and mute functions applied to the mixer path. This PGA is not
accommodated in the Intel specification, but is required in order to allow the option of
simultaneous recording of the mixer output and playback of DAC signals. The function is as for
the other mixer PGA’s. However, the default value of the register is not-muted. If it is not used it
will be transparent to the user. Normally this reigster would be used in collaboration with bit
ADCNDAC in register 5Ch, allowing recording of the analog mix, manipulation in the digital
domain by an external DSP, then playback through the DACs on the WM9705.
PEN DIGITIZER CONTROL REGISTERS (INDEX 76, 78h)
These registers are used for pen digitiser control. See Pen Digitiser Operation section, for details
of operation.
PEN DIGITIZER DATA REGISTER (INDEX 7Ah)
Register 7Ah is used to store the results of digitizer ADC conversions, both for pen inputs and for
auxiliary input conversions. Results are downloaded to the controller by interrogating this register.
See Pen Digitiser Operation section for more details.
VENDOR SPECIFIC ADDITIONAL FUNCTIONALITY (INDEX 74H)
HPB boosts the headphone output by 6dB. 1 = 6dB boost enabled.
I2S64 enables a 64fs bitclk output on SPDIF for i
2s data output. 1 = enabled.
MONOEN enables the mono output independently of PR2 (MIXER Powerdown). This allows the
DAC to MONOUT path to be powered up by resetting PR1 and setting MONOEN while the Mixer
is powered down (PR2 set), providing a lower power mode when the mixer function is not
required.
VENDOR ID REGISTERS (INDEX 7Ch AND 7Eh)
These registers are for specific vendor identification if so desired. The ID method is Microsoft’s
Plug and Play Vendor ID code. The first character of that ID is F7 to F0, the second character S7
to S0, and the third T7 to T0. These three characters are ASCII encoded. The REV7 to REV0
field is for the Vendor Revision number. In the WM9705 the vendor ID is set to WML5.
Wolfson is a registered Microsoft Plug and Play vendor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com