Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 37 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 37 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 33Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 34Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 35Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 36Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 37Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 38Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 39Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 40Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 41Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
37
CONTROL
BIT
FUNCTION
AMUTE
Indicates automute has been detected in the audio DAC (all ‘0’ data) – read only
HSCP
Headset detect comparator output – read only
MPUEN
Mic pull up enable
MHPZ
Mono headphone tristate enable
PSEL
PHONE to MONO path switch enable
HSDT
Overrides Headset detect comparator, forcing left headphone amp to tristate
HSEN
Headset auto-detect enable
HPND
Headphone with no DAC enable
AMEN
Automute enable bit
I
2S
I
2S data output enable
ADCNDAC
ADC no DAC path enable
ADCO
ADC to SPDIF and/or I
2S output
HPF
ADC high pass filter disable;
HSCMP
Headset comparator enable bit
ASS1
ADC slot map control
ASS0
ADC slot map control
Table 21 Vendor Specific Control Register 5Ch
AMUTE indicates automute state has been detected. This is a read-only bit. 1 = automute
detected.
HSCP is a read only bit, indicating headset detected. It is the output from the headset autodetect
comparator. 0 = headset detected.
MPUEN enables a 5mA (typ) pull up current on the MIC1 input pin, which when a headset
microphone of high impedance is plugged in, causes the MIC1 pin to pull up to above Vmid, and
be detected. 1 = enable.
MHPZ tristates the MONO headphone driver output buffer. 1 = tristate.
PSEL enables the switch from PHONE input to MONO output; see block diagram. 1 = enable.
HSEN enables headset auto-detect function. HSCMP enables the headset detect comparator. 1 =
enable.
HSDT overrides the headset auto-detect comparator, forcing the left headphone output to tristate
and the HPLOUTL pin to be used as a headset microphone input path to the mic1 preamplifier
input. 1 = autodetect comparator override.
HPND enables the switch which outputs only the analog mixer output to the HPHONE outputs,
without the DAC signal being summed in. See block diagram. 1 = enable.
AMEN enables the DAC automute function, which detects zero data on both dac channels and
auto-mutes the outputs under this condition. 1 = enable.
Bit I
2S enables I2S output, sending an LRCLK to the MASK/LRC pin (pin 43) and I2S data to the
SPEN/I
2S pin (pin 44). BITCLK is used to clock out the data. Only 48ks/s data is supported. 1 =
enable.
ADCNDAC selects input to the ADC from before the point where the DAC signal is summed in. 1
= select.
Bit ADCO is used to select data from the internal ADCs to be output as SPDIF or I
2S data on
these pins rather than the data from the selected AC link slot. 1 = select.
HPF turns off the digital high pass filter in the ADC output when set to ‘1’.
ASS1, ASS0 are ADC slot mapping control bits. See table below. Default is slots 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com