Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9705 Datasheet(PDF) 17 Page - Wolfson Microelectronics plc

Part # WM9705
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705 Datasheet(HTML) 17 Page - Wolfson Microelectronics plc

Back Button WM9705 Datasheet HTML 13Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 14Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 15Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 16Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 17Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 18Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 19Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 20Page - Wolfson Microelectronics plc WM9705 Datasheet HTML 21Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
17
NON - AC’97 FEATURES
In addition to the AC’97 features offered, WM9705 also supports:
4-wire pen digitiser with integrated screen driver, featuring highly flexible modes of operation,
supporting autonomous screen conversions, and auxiliary conversions. Screen X and Y
connections driven from AUX and VID stereo input pins, which are still connected.
Headphone drive capability on MONO output, with extra signal routing switch PSEL, allowing
PHONE input to be routed to MONO output
Extra switch HPND after the mixer allowing MIX without DAC signal to be output to headphone
outputs, and so allowing DAC with no MIX to be output to LINE outputs.
I
2S audio output capability, in addition to SPDIF output, allowing support of an extra external
audio DAC for multi-channel solutions. SPDIF output may be hardware enabled.
Option to route the stereo audio ADC output to the SPDIF and/or I
2S digital outputs
Auto-detect of headphones or headset plugged into the AUX headphone outputs, with internal
routing of microphone signal from the headphone pin to the MIC1 input.
Battery monitoring input BMON that supports direct connection to battery voltages up to 6.5V.
MPM switch allowing mix of DAC + mixer output onto MONOUT and independent mix of DAC +
PHONE and/or PCBEEP onto LINEOUT or HPOUT.
Reset powerdown override – holding MASK high in reset overrides the PR bits forcing the
WM9705 into a low power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com