Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 7Page - ATMEL Corporation DOC4106 Datasheet HTML 8Page - ATMEL Corporation DOC4106 Datasheet HTML 9Page - ATMEL Corporation DOC4106 Datasheet HTML 10Page - ATMEL Corporation DOC4106 Datasheet HTML 11Page - ATMEL Corporation DOC4106 Datasheet HTML 12Page - ATMEL Corporation DOC4106 Datasheet HTML 13Page - ATMEL Corporation DOC4106 Datasheet HTML 14Page - ATMEL Corporation DOC4106 Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
11
AT8xC51SND1C
4106F–8051–10/02
Block Diagram
Figure 3. AT8xC51SND1C Block Diagram
8-BIT INTERNAL BUS
Clock and PLL
Unit
C51 (X2 CORE)
RAM
2304 Bytes
Flash
ROM
Interrupt
Handler Unit
FILT
X2
X1
MP3 Decoder
Unit
TWI
Controller
MMC
Interface
I/O
SCL SDA
MDAT
P0-P5
10-bit A-to-D
Converter
VSS
VDD
Keyboard
Interface
KIN3:0
I
2S/ PCM
Audio Interface
AVSS
A
VDD
Note: 1 Alternate function of Port 1
AIN1:0
Ports
INT0
INT1
MOSI
MISO
3 Alternate function of Port 3
4 Alternate function of Port 4
Timers 0/1
T1
T0
SPI/DataFlash
Controller
MCLK
MCMD
SCK
RST
AREF
DSEL
DCLK
SCLK
DOUT
64K Bytes
USB
Controller
D+
D-
UART
RXD
TXD
IDE
Interface
SS
Watchdog
Flash Boot
4K Bytes
ISP
UVSS
U
VDD
and
BRG
ALE
3
3
33
3
34
4
4
4
1
1
1
or
10-bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com