Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 15Page - ATMEL Corporation DOC4106 Datasheet HTML 16Page - ATMEL Corporation DOC4106 Datasheet HTML 17Page - ATMEL Corporation DOC4106 Datasheet HTML 18Page - ATMEL Corporation DOC4106 Datasheet HTML 19Page - ATMEL Corporation DOC4106 Datasheet HTML 20Page - ATMEL Corporation DOC4106 Datasheet HTML 21Page - ATMEL Corporation DOC4106 Datasheet HTML 22Page - ATMEL Corporation DOC4106 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
19
AT8xC51SND1C
4106F–8051–10/02
Table 27. IDE Interface SFR
Mnemonic
Add
Name
7
6
5
4
32
10
DAT16H
F9h
High Order Data
Byte
D15
D14
D13
D12
D11
D10
D9
D8
Table 28. Serial I/O Port SFRs
Mnemonic
Add
Name
7
6
5
432
10
SCON
98h
Serial Control
FE/SM0
SM1
SM2
REN
TB8
RB8
TI
RI
SBUF
99h
Serial Data Buffer
–
–
–
–
–
–
–
–
SADEN
B9h
Slave Address Mask
–
–
–
–
–
–
–
–
SADDR
A9h
Slave Address
–
–
–
–
–
–
–
–
BDRCON
92h
Baud Rate Control
–
–
–
BRR
TBCK
RBCK
SPD
SRC
BRL
91h
Baud Rate Reload
–
–
–
–
–
–
–
–
Table 29. SPI Controller SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
SPCON
C3h
SPI Control
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
SPSTA
C4h
SPI Status
SPIF
WCOL
–
MODF
–
–
–
–
SPDAT
C5h
SPI Data
SPD7
SPD6
SPD5
SPD4
SPD3
SPD2
SPD1
SPD0
Table 30. TWI Controller SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
SSCON
93h
Synchronous Serial
Control
SSCR2
SSPE
SSSTA
SSSTO
SSI
SSAA
SSCR1
SSCR0
SSSTA
94h
Synchronous Serial
Status
SSC4
SSC3
SSC2
SSC1
SSC0
0
0
0
SSDAT
95h
Synchronous Serial
Data
SSD7
SSD6
SSD5
SSD4
SSD3
SSD2
SSD1
SSD0
SSADR
96h
Synchronous Serial
Address
SSA7
SSA6
SSA5
SSA4
SSA3
SSA2
SSA1
SSGC
Table 31. Keyboard Interface SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
KBCON
A3h
Keyboard Control
KINL3
KINL2
KINL1
KINL0
KINM3
KINM2
KINM1
KINM0
KBSTA
A4h
Keyboard Status
KPDE
–
–
–
KINF3
KINF2
KINF1
KINF0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com