Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 30Page - ATMEL Corporation DOC4106 Datasheet HTML 31Page - ATMEL Corporation DOC4106 Datasheet HTML 32Page - ATMEL Corporation DOC4106 Datasheet HTML 33Page - ATMEL Corporation DOC4106 Datasheet HTML 34Page - ATMEL Corporation DOC4106 Datasheet HTML 35Page - ATMEL Corporation DOC4106 Datasheet HTML 36Page - ATMEL Corporation DOC4106 Datasheet HTML 37Page - ATMEL Corporation DOC4106 Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 47 page
background image
34
AT8xC51SND1C
4106F–8051–10/02
Timings
Table 46. SPI Interface Master AC Timing
(2)
VDD =2.7 to 3.3V, TA =-40° to +85°C
Notes:
1. Value of this parameter depends on software.
2. Test conditions: capacitive load on all pins = 100 pF
Symbol
Parameter
Min
Max
Unit
Slave Mode
TCHCH
Clock Period
8
TOSC
TCHCX
Clock High Time
3.2
TOSC
TCLCX
Clock Low Time
3.2
TOSC
TSLCH,TSLCL
SS Low to Clock edge
200
ns
TIVCL,TIVCH
Input Data Valid to Clock Edge
100
ns
TCLIX,TCHIX
Input Data Hold after Clock Edge
100
ns
TCLOV, TCHOV
Output Data Valid after Clock Edge
100
ns
TCLOX,TCHOX
Output Data Hold Time after Clock Edge
0
ns
TCLSH,TCHSH
SS High after Clock Edge
0
ns
TIVCL,TIVCH
Input Data Valid to Clock Edge
100
ns
TCLIX,TCHIX
Input Data Hold after Clock Edge
100
ns
TSLOV
SS Low to Output Data Valid
130
ns
TSHOX
Output Data Hold after SS High
130
ns
TSHSL
SS High to SS Low
Note
(1)
TILIH
Input Rise Time
2
µs
TIHIL
Input Fall Time
2
µs
TOLOH
Output Rise Time
100
ns
TOHOL
Output Fall Time
100
ns
Master Mode
TCHCH
Clock Period
4
TOSC
TCHCX
Clock High Time
1.6
TOSC
TCLCX
Clock Low Time
1.6
TOSC
TIVCL,TIVCH
Input Data Valid to Clock Edge
50
ns
TCLIX,TCHIX
Input Data Hold after Clock Edge
50
ns
TCLOV, TCHOV
Output Data Valid after Clock Edge
65
ns
TCLOX,TCHOX
Output Data Hold Time after Clock Edge
0
ns
TILIH
Input DataRiseTime
2
µs
TIHIL
Input Data Fall Time
2
µs
TOLOH
Output Data Rise Time
50
ns
TOHOL
Output Data Fall Time
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com