Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 24 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 24 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 20Page - ATMEL Corporation DOC4106 Datasheet HTML 21Page - ATMEL Corporation DOC4106 Datasheet HTML 22Page - ATMEL Corporation DOC4106 Datasheet HTML 23Page - ATMEL Corporation DOC4106 Datasheet HTML 24Page - ATMEL Corporation DOC4106 Datasheet HTML 25Page - ATMEL Corporation DOC4106 Datasheet HTML 26Page - ATMEL Corporation DOC4106 Datasheet HTML 27Page - ATMEL Corporation DOC4106 Datasheet HTML 28Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
24
AT8xC51SND1C
4106F–8051–10/02
Electrical Characteristics
Absolute Maximum Rating
DC Characteristics
Digital Logic
Storage Temperature ......................................... -65 to +150
°C
Voltage on any other Pin to VSS ......................................-0.3 to +4.0V
I
OL per I/O Pin ................................................................. 5 mA
Power Dissipation ............................................................. 1 W
Ambient Temperature Under Bias........................ -40 to +85
°C
VDD ........................................................................................... 2.7 to 3.3V
NOTE:
Stressing the device beyond the “Absolute Maxi-
mum Ratings” may cause permanent damage.
These are stress ratings only. Operation beyond
the “operating conditions” is not recommended
and extended exposure beyond the “Operating
Conditions” may affect device reliability.
Table 34. Digital DC Characteristics V
DD = 2.7 to 3.3V , TA =-40° to +85°C
Symbol
Parameter
Min
Typ(1)
Max
Units
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2·
V
DD -0.1
V
V
IH1
Input High Voltage (except RST)
0.2·
V
DD +0.9
V
DD
V
V
IH2
Input High Voltage (RST)
0.7·
V
DD
V
DD +0.5
V
VOL1
Output Low Voltage
(except P0, ALE, MCMD, MDAT, MCLK,
SCLK, DCLK, DSEL, DOUT)
0.45
V
IOL =1.6 mA
V
OL2
Output Low Voltage
(P0, ALE, MCMD, MDAT, MCLK, SCLK,
DCLK, DSEL, DOUT)
0.45
V
I
OL =3.2 mA
VOH1
Output High Voltage
(P1, P2, P3, P4 and P5)
VDD -0.7
V
IOH =-30 µA
VOH2
Output High Voltage
(P0, P2 address mode, ALE, MCMD,
MDAT, MCLK, SCLK, DCLK, DSEL,
DOUT, D+, D-)
VDD -0.7
V
IOH =-3.2 mA
I
IL
Logical 0 Input Current (P1, P2, P3, P4
and P5)
-50
µAV
IN =0.45V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com