Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 27 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 27 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 23Page - ATMEL Corporation DOC4106 Datasheet HTML 24Page - ATMEL Corporation DOC4106 Datasheet HTML 25Page - ATMEL Corporation DOC4106 Datasheet HTML 26Page - ATMEL Corporation DOC4106 Datasheet HTML 27Page - ATMEL Corporation DOC4106 Datasheet HTML 28Page - ATMEL Corporation DOC4106 Datasheet HTML 29Page - ATMEL Corporation DOC4106 Datasheet HTML 30Page - ATMEL Corporation DOC4106 Datasheet HTML 31Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
27
AT8xC51SND1C
4106F–8051–10/02
A-to-D Converter
Oscillator and Crystal
Schematic
Figure 12. Crystal Connection
Note:
For operation with most standard crystals, no external components are needed on X1
and X2. It may be necessary to add external capacitors on X1 and X2 to ground in spe-
cial cases (max 10 pF). X1 and X2 may not be used to drive other circuits.
Parameters
Table 36. Oscillator and Crystal Characteristics VDD = 2.7 to 3.3V , TA =-40° to +85°C
Table 35. A-to-D Converter DC Characteristics V
DD = 2.7 to 3.3V , TA =-40° to +85°C
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
A
V
DD
Analog Supply Voltage
2.7
3.3
V
AI
DD
Analog Operating Supply Current
600
µA
A
V
DD =3.3V
AIN1:0 = 0 to A
VDD
AIPD
Analog Standby Current
2
µA
A
VDD =3.3V
ADEN = 0 or PD = 1
AVIN
Analog Input Voltage
AVSS
A
VDD
V
AV
REF
Reference Voltage
A
REFN
AREFP
AV
SS
2.4
A
VDD
V
V
RREF
AREF Input Resistance
10
30
k
TA =25°C
CIA
Analog Input capacitance
10
pF
TA =25°C
VSS
X1
X2
Q
C1
C2
Symbol
Parameter
Min
Typ
Max
Unit
CX1
Internal Capacitance (X1 - VSS)
10
pF
CX2
Internal Capacitance (X2 - VSS)
10
pF
CL
Equivalent Load Capacitance (X1 - X2)
5
pF
DL
Drive Level
50
µW
F
Crystal Frequency
20
MHz
RS
Crystal Series Resistance
40
CS
Crystal Shunt Capacitance
6
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com