Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 36Page - ATMEL Corporation DOC4106 Datasheet HTML 37Page - ATMEL Corporation DOC4106 Datasheet HTML 38Page - ATMEL Corporation DOC4106 Datasheet HTML 39Page - ATMEL Corporation DOC4106 Datasheet HTML 40Page - ATMEL Corporation DOC4106 Datasheet HTML 41Page - ATMEL Corporation DOC4106 Datasheet HTML 42Page - ATMEL Corporation DOC4106 Datasheet HTML 43Page - ATMEL Corporation DOC4106 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 47 page
background image
40
AT8xC51SND1C
4106F–8051–10/02
Analog to Digital Converter
Definition of Symbols
Table 52. Analog to Digital Converter Timing Symbol Definitions
Characteristics
Table 53. Analog-to-Digital Converter AC Characteristics
V
DD =2.7 to 3.3V, TA =0 to 70°C
Notes:
1. A
VDD =AVREFP =3.0 V, AVSS =AVREFN = 0 V. ADC is monotonic with no missing
code.
2. The differential non-linearity is the difference between the actual step width and the
ideal step width (see Figure 27).
3. The integral non-linearity is the peak difference between the center of the actual step
and the ideal transfer curve after appropriate adjustment of gain and offset errors
(see Figure 27).
4. The offset error is the absolute difference between the straight line, which fits the
actual transfer curve (after removing of gain error); and the straight line, which fits the
ideal transfer curve (see Figure 27).
5. The gain error is the relative difference in percent between the straight line which fits
the actual transfer curve (after removing of offset error); and the straight line, which
fits the ideal transfer curve (see Figure 27).
Waveforms
Figure 26. Analog-to-Digital Converter Internal Waveforms
Signals
Conditions
CClock
HHigh
E
Enable (ADEN bit)
L
Low
S
Start Conversion
(ADSST bit)
Symbol
Parameter
Min
Max
Unit
T
CLCL
Clock Period
1.43
µs
T
EHSH
Start-up Time
4
µs
T
SHSL
Conversion Time
11·T
CLCL
µs
DLE
Differential non-
linearity error(1)( 2)
TBD
LSB
ILE
Integral non-
linearity error
(1)(3)
TBD
LSB
OSE
Offset error
(1)(4)
TBD
LSB
GE
Gain error
(1)(5)
TBD
%
ADEN Bit
ADSST Bit
T
EHSH
TSHSL
CLK
TCLCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com