Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 35Page - ATMEL Corporation DOC4106 Datasheet HTML 36Page - ATMEL Corporation DOC4106 Datasheet HTML 37Page - ATMEL Corporation DOC4106 Datasheet HTML 38Page - ATMEL Corporation DOC4106 Datasheet HTML 39Page - ATMEL Corporation DOC4106 Datasheet HTML 40Page - ATMEL Corporation DOC4106 Datasheet HTML 41Page - ATMEL Corporation DOC4106 Datasheet HTML 42Page - ATMEL Corporation DOC4106 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 47 page
background image
39
AT8xC51SND1C
4106F–8051–10/02
Audio Interface
Definition of Symbols
Table 50. Audio Interface Timing Symbol Definitions
Timings
Table 51. Audio Interface AC Timings
VDD =2.7 to 3.3V, TA =0 to 70°C, CL ≤ 30pF
Note:
32-bit format with Fs = 48 kHz.
Waveforms
Figure 25. Audio Interface Waveforms
Signals
Conditions
CClock
HHigh
O
Data Out
L
Low
S
Data Select
V
Valid
X
No Longer Valid
Symbol
Parameter
Min
Max
Unit
TCHCH
Clock Period
325.5
(1)
ns
TCHCX
Clock High Time
30
ns
TCLCX
Clock Low Time
30
ns
TCLCH
Clock Rise Time
10
ns
TCHCL
Clock Fall Time
10
ns
TCLSV
Clock Low to Select Valid
10
ns
TCLOV
Clock Low to Data Valid
10
ns
DCLK
T
CHCH
TCLCX
TCHCX
TCLCH
TCHCL
DSEL
DDAT
Right
Left
T
CLSV
TCLOV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com