Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 37Page - ATMEL Corporation DOC4106 Datasheet HTML 38Page - ATMEL Corporation DOC4106 Datasheet HTML 39Page - ATMEL Corporation DOC4106 Datasheet HTML 40Page - ATMEL Corporation DOC4106 Datasheet HTML 41Page - ATMEL Corporation DOC4106 Datasheet HTML 42Page - ATMEL Corporation DOC4106 Datasheet HTML 43Page - ATMEL Corporation DOC4106 Datasheet HTML 44Page - ATMEL Corporation DOC4106 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 47 page
background image
41
AT8xC51SND1C
4106F–8051–10/02
Figure 27. Analog to Digital Converter Characteristics
Flash Memory
Definition of Symbols
Table 54. Flash Memory Timing Symbol Definitions
Timings
Table 55. Flash Memory AC Timing
VDD =2.7 to 3.3V, TA =-40° to +85°C
1
2
3
4
5
6
7
1018 1019 1020 1021 1022 1023 1024
1
2
3
4
5
6
7
1018
1019
1020
1021
1022
1023
Offset
Error
Code Out
AVIN (LSBideal)
Offset
Error
O
SE
Gain
Error
G
E
Ideal Transfer curve
1LSB
(ideal)
Integral non-linearity
Differential non-linearity
Center of a Step
Example of an Actual Transfer Curve
0
0
Signals
Conditions
SISP
LLow
RRST
V
Valid
B
FBUSY flag
X
No Longer Valid
Symbol
Parameter
Min
Typ
Max
Unit
TSVRL
Input ISP ValidtoRST Edge
50
ns
TRLSX
Input ISP Hold after RST Edge
50
ns
TBHBL
Flash Internal Busy (Programming) Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com