Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 10Page - ATMEL Corporation DOC4106 Datasheet HTML 11Page - ATMEL Corporation DOC4106 Datasheet HTML 12Page - ATMEL Corporation DOC4106 Datasheet HTML 13Page - ATMEL Corporation DOC4106 Datasheet HTML 14Page - ATMEL Corporation DOC4106 Datasheet HTML 15Page - ATMEL Corporation DOC4106 Datasheet HTML 16Page - ATMEL Corporation DOC4106 Datasheet HTML 17Page - ATMEL Corporation DOC4106 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 47 page
background image
14
AT8xC51SND1C
4106F–8051–10/02
Address Spaces
The AT8xC51SND1C derivatives implement four different address spaces:
•
Program/Code Memory
•
Boot Memory
•
Data Memory
•
Special Function Registers (SFRs)
Code Memory
The AT89C51SND1C and AT83C51SND1C implement 64K Bytes of on-chip pro-
gram/code memory. The AT83C51SND1C product provides the internal program/code
memory in ROM technology while the AT89C51SND1C product provides it in Flash
technology.
The Flash memory increases ROM functionality by enabling in-circuit electrical erasure
and programming. Thanks to the internal charge pump, the high voltage needed for pro-
gramming or erasing Flash cells is generated on-chip using the standard VDD voltage.
Thus, the AT89C51SND1C can be programmed using only one voltage and allows in
application software programming commonly known as IAP. Hardware programming
mode is also available using specific programming tools.
Boot Memory
The AT89C51SND1C implements 4K Bytes of on-chip boot memory provided in Flash
technology. This boot memory is delivered programmed with a standard bootloader soft-
ware allowing In-system Programming commonly known as ISP. It also contains some
Application Programming Interfaces routines commonly known as API allowing user to
develop his own bootloader.
Data Memory
The AT8xC51SND1 derivatives implement 2304 Bytes of on-chip data RAM. This mem-
ory is divided in two separate areas:
•
256 Bytes of on-chip RAM memory (standard C51 memory).
•
2048 Bytes of on-chip expanded RAM memory (ERAM accessible via MOVX
instructions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com