Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 42 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 38Page - ATMEL Corporation DOC4106 Datasheet HTML 39Page - ATMEL Corporation DOC4106 Datasheet HTML 40Page - ATMEL Corporation DOC4106 Datasheet HTML 41Page - ATMEL Corporation DOC4106 Datasheet HTML 42Page - ATMEL Corporation DOC4106 Datasheet HTML 43Page - ATMEL Corporation DOC4106 Datasheet HTML 44Page - ATMEL Corporation DOC4106 Datasheet HTML 45Page - ATMEL Corporation DOC4106 Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 47 page
background image
42
AT8xC51SND1C
4106F–8051–10/02
Waveforms
Figure 28. Flash Memory – ISP Waveforms
Note:
ISP
must be driven through a pull-down resistor (see Section “In-System Programming”,
page 28).
Figure 29. Flash Memory – Internal Busy Waveforms
External Clock Drive and Logic Level References
Definition of Symbols
Table 56. External Clock Timing Symbol Definitions
Timings
Table 57. External Clock AC Timings
V
DD =2.7 to 3.3V, TA=0to 70°C
Waveforms
Figure 30. External Clock Waveform
RST
TSVRL
ISP1
TRLSX
FBUSY Bit
T
BHBL
Signals
Conditions
CClock
HHigh
LLow
X
No Longer Valid
Symbol
Parameter
Min
Max
Unit
T
CLCL
Clock Period
50
ns
T
CHCX
High Time
10
ns
T
CLCX
Low Time
10
ns
T
CLCH
Rise Time
3
ns
T
CHCL
Fall Time
3
ns
T
CR
Cyclic Ratio inX2mode
40
60
%
0.45 V
TCLCL
VDD -0.5
VIH1
V
IL
T
CHCX
T
CLCH
TCHCL
TCLCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com