Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DOC4106 Datasheet(PDF) 16 Page - ATMEL Corporation

Part # DOC4106
Description  Single-Chip Microcontroller with MP3 Decoder and Man-Machine Interface
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

DOC4106 Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button DOC4106 Datasheet HTML 12Page - ATMEL Corporation DOC4106 Datasheet HTML 13Page - ATMEL Corporation DOC4106 Datasheet HTML 14Page - ATMEL Corporation DOC4106 Datasheet HTML 15Page - ATMEL Corporation DOC4106 Datasheet HTML 16Page - ATMEL Corporation DOC4106 Datasheet HTML 17Page - ATMEL Corporation DOC4106 Datasheet HTML 18Page - ATMEL Corporation DOC4106 Datasheet HTML 19Page - ATMEL Corporation DOC4106 Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
16
AT8xC51SND1C
4106F–8051–10/02
Table 19. Interrupt SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
IEN0
A8h
Interrupt Enable
Control 0
EA
EAUD
EMP3
ES
ET1
EX1
ET0
EX0
IEN1
B1h
Interrupt Enable
Control 1
EUSB
EKB
EADC
ESPI
EI2C
EMMC
IPH0
B7h
Interrupt Priority
Control High 0
IPHAUD
IPHMP3
IPHS
IPHT1
IPHX1
IPHT0
IPHX0
IPL0
B8h
Interrupt Priority
Control Low 0
IPLAUD
IPLMP3
IPLS
IPLT1
IPLX1
IPLT0
IPLX0
IPH1
B3h
Interrupt Priority
Control High 1
IPHUSB
IPHKB
IPHADC
IPHSPI
IPHI2C
IPHMMC
IPL1
B2h
Interrupt Priority
Control Low 1
IPLUSB
IPLKB
IPLADC
IPLSPI
IPLI2C
IPLMMC
Table 20. Port SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
P0
80h
8-bit Port 0
P1
90h
8-bit Port 1
P2
A0h
8-bit Port 2
P3
B0h
8-bit Port 3
P4
C0h
8-bit Port 4
P5
D8h
4-bit Port 5
Table 21. Flash Memory SFR
Mnemonic
Add
Name
7
6
5
4
32
10
FCON
D1h
Flash Control
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Table 22. Timer SFRs
Mnemonic
Add
Name
7
6
5
4
32
10
TCON
88h
Timer/Counter 0 and
1Control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and
1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
TL0
8Ah
Timer/Counter 0 Low
Byte
–––
TH0
8Ch
Timer/Counter 0
High Byte
–––
TL1
8Bh
Timer/Counter 1 Low
Byte
–––



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com