Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 32 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 32 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 28Page - Motorola, Inc MPC7450EC Datasheet HTML 29Page - Motorola, Inc MPC7450EC Datasheet HTML 30Page - Motorola, Inc MPC7450EC Datasheet HTML 31Page - Motorola, Inc MPC7450EC Datasheet HTML 32Page - Motorola, Inc MPC7450EC Datasheet HTML 33Page - Motorola, Inc MPC7450EC Datasheet HTML 34Page - Motorola, Inc MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
32
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Pinout Listings for the 483 CBGA Package
GND
A22, B1, B5, B12, B14, B16, B18, B20, C3,
C9, C21, D7, D13, D15, D17, D19, E2, E5,
E21, F10, F12, F14, F16, F19, G4, G7, G17,
G21, H13, H15, H19, H5, J3, J10, J12, J14,
J17, J21, K5, K9, K11, K13, K15, K19, L10,
L12, L14, L17, L21, M3, M6, M9, M11, M13,
M19, N10, N12, N14, N17, N21, P3, P9, P11,
P13, P15, P19, R17, R21, T13, T15, T19, T4,
T7, T9, U17, U21, V2, V5, V8, V12, V15, V19,
W7, W17, W21, Y3, Y9, Y13, Y15, Y20, AA5,
AA17, AB1, AB22
—
—
N/A
GVDD
B13, B15, B17, B19, B21, D12, D14, D16,
D18, D21, E19, F13, F15, F17, F21, G19,
H12, H14, H17, H21, J19, K17, K21, L19,
M17, M21, N19, P17, P21, R15, R19, T17,
T21, U19, V17, V21, W19, Y21
—
—
N/A
15
HIT
K2
Low
Output
BVSEL
4
HRESET
A3
Low
Input
BVSEL
INT
J6
Low
Input
BVSEL
L1_TSTCLK
H4
High
Input
BVSEL
9
L2_TSTCLK
J2
High
Input
BVSEL
12
L3VSEL
A4
High
Input
N/A
3, 7
L3ADDR[0:17]
L18, K22, L16, K20, K18, J22, J20, H22, J18,
K16, H20, G22, F22, G20, H18, E22, J16,
F20
High
Output
L3VSEL
L3_CLK[0:1]
V22, C17
High
Output
L3VSEL
L3_CNTL[0:1]
L20, L22
Low
Output
L3VSEL
L3DATA[0:63]
AA19, AB20, U16, W18, AA20, AB21, AA21,
T16, W20, U18, Y22, R16, V20, W22, T18,
U20, N18, N20, N16, N22, M16, M18, M20,
M22, R18, T20, U22, T22, R20, P18, R22,
M15, G18, D22, E20, H16, C22, F18, D20,
B22, G16, A21, G15, E17, A20, C19, C18,
A19, A18, G14, E15, C16, A17, A16, C15,
G13, C14, A14, E13, C13, G12, A13, E12,
C12
High
I/O
L3VSEL
L3DP[0:7]
AB19, AA22, P22, P16, C20, E16, A15, A12
High
I/O
L3VSEL
L3_ECHO_CLK[0:3]
V18, P20, E18, E14
High
Input
L3VSEL
LSSD_MODE
F6
Low
Input
BVSEL
2, 7
MCP
B8
Low
Input
BVSEL
No Connect
A8, A11, B6, B11, C11, D11, D3, D5, E11, E7,
F2, F11, G11, G2, H11, H9, J8
—
—
N/A
Table 15. Pinout Listing for the MPC7450, 483 CBGA Package (continued)
Signal Name
Pin Number
Active
I/O
I/F Select1
Notes
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com