Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 46 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 42Page - Motorola, Inc MPC7450EC Datasheet HTML 43Page - Motorola, Inc MPC7450EC Datasheet HTML 44Page - Motorola, Inc MPC7450EC Datasheet HTML 45Page - Motorola, Inc MPC7450EC Datasheet HTML 46Page - Motorola, Inc MPC7450EC Datasheet HTML 47Page - Motorola, Inc MPC7450EC Datasheet HTML 48Page - Motorola, Inc MPC7450EC Datasheet HTML 49Page - Motorola, Inc MPC7450EC Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
46
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
System Design Information
graphite/oil, floroether oil), a bare joint, and a joint with thermal grease as a function of contact pressure.
As shown, the performance of these thermal interface materials improves with increasing contact pressure.
The use of thermal grease significantly reduces the interface thermal resistance. That is, the bare joint results
in a thermal resistance approximately 7 times greater than the thermal grease joint.
Often, heat sinks are attached to the package by means of a spring clip to holes in the printed-circuit board
(see Figure 24). Therefore, the synthetic grease offers the best thermal performance, considering the low
interface pressure and is recommended due to the high power dissipation of the MPC7450. Of course, the
selection of any thermal interface material depends on many factors—thermal performance requirements,
manufacturability, service temperature, dielectric properties, cost, etc.
Figure 26. Thermal Performance of Select Thermal Interface Material
The board designer can choose between several types of thermal interface. Heat sink adhesive materials
should be selected based upon high conductivity, yet adequate mechanical strength to meet equipment
shock/vibration requirements. There are several commercially available thermal interfaces and adhesive
materials provided by the following vendors:
Dow-Corning Corporation
800-248-2481
Dow-Corning Electronic Materials
PO Box 0997
Midland, MI 48686-0997
Internet: www.dow.com
Chomerics, Inc.
781-935-4850
77 Dragon Court
Woburn, MA 01888-4014
Internet: www.chomerics.com
0
0.5
1
1.5
2
0
1020304050607080
Silicone Sheet (0.006 inch)
Bare Joint
Floroether Oil Sheet (0.007 inch)
Graphite/Oil Sheet (0.005 inch)
Synthetic Grease
Contact Pressure (psi)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com