Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 47 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 47 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 43Page - Motorola, Inc MPC7450EC Datasheet HTML 44Page - Motorola, Inc MPC7450EC Datasheet HTML 45Page - Motorola, Inc MPC7450EC Datasheet HTML 46Page - Motorola, Inc MPC7450EC Datasheet HTML 47Page - Motorola, Inc MPC7450EC Datasheet HTML 48Page - Motorola, Inc MPC7450EC Datasheet HTML 49Page - Motorola, Inc MPC7450EC Datasheet HTML 50Page - Motorola, Inc MPC7450EC Datasheet HTML 51Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
47
System Design Information
Thermagon Inc.
888-246-9050
3256 West 25th Street
Cleveland, OH 44109-1668
Internet: www.thermagon.com
Loctite Corporation
860-571-5100
1001 Trout Brook Crossing
Rocky Hill, CT 06067-3910
Internet: www.loctite.com
The following section provides a heat sink selection example using one of the commercially available heat
sinks.
1.9.9.3
Heat Sink Selection Example
For preliminary heat sink sizing, the die-junction temperature can be expressed as follows:
Tj = Ta + Tr + (θjc + θint + θsa) × Pd
where:
Tj is the die-junction temperature
Ta is the inlet cabinet ambient temperature
Tr is the air temperature rise within the computer cabinet
θ
jc is the junction-to-case thermal resistance
θ
int is the adhesive or interface material thermal resistance
θ
sa is the heat sink base-to-ambient thermal resistance
Pd is the power dissipated by the device
During operation, the die-junction temperatures (Tj) should be maintained less than the value specified in
Table 4. The temperature of the air cooling the component greatly depends upon the ambient inlet air
temperature and the air temperature rise within the electronic cabinet. An electronic cabinet inlet-air
temperature (Ta) may range from 30° to 40°C. The air temperature rise within a cabinet (Tr) may be in the
range of 5° to 10°C. The thermal resistance of the thermal interface material (
θ
int) is typically about
1.5°C/W. For example, assuming a Ta of 30°C, a Tr of 5°C, a CBGA package θjc = 0.1, and a typical power
consumption (Pd) of 13.0 W, the following expression for Tj is obtained:
Die-junction temperature:
Tj = 30°C + 5°C + (0.1°C/W + 1.5°C/W + θsa) × 13.0 W
For this example, a
θ
sa value of 3.7°C/W or less is required to maintain the die junction temperature below
the maximum value of Table 4.
Though the die junction-to-ambient and the heat sink-to-ambient thermal resistances are a common
figure-of-merit used for comparing the thermal performance of various microelectronic packaging
technologies, one should exercise caution when only using this metric in determining thermal management
because no single parameter can adequately describe three-dimensional heat flow. The final die-junction
operating temperature is not only a function of the component-level thermal resistance, but the system-level
design and its operating conditions. In addition to the component's power consumption, a number of factors
affect the final operating die-junction temperature—airflow, board population (local heat flux of adjacent
components), heat sink efficiency, heat sink attach, heat sink placement, next-level interconnect technology,
system air temperature rise, altitude, etc.
Due to the complexity and the many variations of system-level boundary conditions for today's
microelectronic equipment, the combined effects of the heat transfer mechanisms (radiation, convection,
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com