Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 14 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 14 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 10Page - Motorola, Inc MPC7450EC Datasheet HTML 11Page - Motorola, Inc MPC7450EC Datasheet HTML 12Page - Motorola, Inc MPC7450EC Datasheet HTML 13Page - Motorola, Inc MPC7450EC Datasheet HTML 14Page - Motorola, Inc MPC7450EC Datasheet HTML 15Page - Motorola, Inc MPC7450EC Datasheet HTML 16Page - Motorola, Inc MPC7450EC Datasheet HTML 17Page - Motorola, Inc MPC7450EC Datasheet HTML 18Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Table 7 provides the power consumption for the MPC7450.
1.5.2
AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC7450. After fabrication, functional parts
are sorted by maximum processor core frequency as shown in Section 1.5.2.1, “Clock AC Specifications,”
and tested for conformance to the AC specifications for that frequency. The processor core frequency is
determined by the bus (SYSCLK) frequency and the settings of the PLL_EXT and PLL_CFG[0:3] signals.
Parts are sold by maximum processor core frequency; see Section 1.11, “Ordering Information.”
1.5.2.1
Clock AC Specifications
Table 8 provides the clock AC timing specifications as defined in Figure 3.
Table 7. Power Consumption for MPC7450
Processor (CPU) Frequency
Unit
Notes
533 MHz
600 MHz
667 MHz
Full-Power Mode
Typical
11.6
13.0
14.5
W
1, 3
Maximum
15.2
17.5
19.0
W
1, 2
Doze Mode
Typical
—
—
—
W
1, 3, 4
Nap Mode
Typical
1.3
1.4
1.7
W
1, 3
Sleep Mode
Typical
0.6
0.7
0.8
W
1, 3
Deep Sleep Mode (PLL Disabled)
Typical
410
460
510
mW
1, 3
Notes:
1. These values apply for all valid processor bus and L3 bus ratios. The values do not include I/O supply power
(OVDD and GVDD) or PLL supply power (AVDD). OVDD and GVDD power is system dependent, but is typically
<20% of VDD power. Worst case power consumption for AVDD < 3 mW.
2. Maximum power is measured at nominal VDD (see Table 4) while running an entirely cache-resident, contrived
sequence of instructions which keep the execution units, with or without AltiVec, maximally busy.
3. Typical power is an average value measured at the nominal recommended VDD (see Table 4) in a system while
running a typical code sequence.
4. Doze mode is not a user-definable state; it is an intermediate state between full-power and either nap or sleep
mode. As a result, power consumption for this mode is not tested.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com