Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 21 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 21 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 17Page - Motorola, Inc MPC7450EC Datasheet HTML 18Page - Motorola, Inc MPC7450EC Datasheet HTML 19Page - Motorola, Inc MPC7450EC Datasheet HTML 20Page - Motorola, Inc MPC7450EC Datasheet HTML 21Page - Motorola, Inc MPC7450EC Datasheet HTML 22Page - Motorola, Inc MPC7450EC Datasheet HTML 23Page - Motorola, Inc MPC7450EC Datasheet HTML 24Page - Motorola, Inc MPC7450EC Datasheet HTML 25Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
21
Electrical and Thermal Characteristics
More specifically, certain signals within groups should be delay-matched with others in the same group
while intergroup routing is less critical. Only the address and control signals are common to both SRAMs
and additional timing margin is available for these signals. The double-clocked data signals are grouped
with individual clocks as shown in Figure 9 or Figure 11, depending on the type of SRAM. For example,
for the MSUG2 DDR SRAM (see Figure 9); L3DATA[0:31], L3DP[0:3], and L3_CLK[0] form a closely
coupled group of outputs from the MPC7450; while L3DATA[0:15], L3DP[0:1], and L3_ECHO_CLK[0]
form a closely coupled group of inputs.
The MPC7450 RISC Microprocessor Family User’s Manual refers to logical settings called “Sample
Points” used in the synchronization of reads from the receive FIFO. The computation of the correct value
for this setting is system-dependent and is described in the MPC7450 RISC Microprocessor Family User’s
Manual. Three specifications are used in this calculation and are given in Table 11. It is essential that all
three specifications are included in the calculations to determine the sample points, as incorrect settings can
result in errors and unpredictable behavior. For more information, see the MPC7450 RISC Microprocessor
Family User’s Manual.
1.5.2.4.1
L3 Bus AC Specifications for DDR MSUG2 SRAMs
When using DDR MSUG2 SRAMs at the L3 interface, the parts should be connected as shown in Figure 9.
Outputs from the MPC7450 are actually launched on the edges of an internal clock phase-aligned to
SYSCLK (adjusted for core and L3 frequency divisors). L3_CLK0 and L3_CLK1 are this internal clock
output with 90° phase delay, so outputs are shown synchronous to L3_CLK0 and L3_CLK1. Output valid
times are typically negative when referenced to L3_CLKn because the data is launched one-quarter period
before L3_CLKn to provide adequate setup time at the SRAM after the delay-matched address, control,
data, and L3_CLKn signals have propagated across the printed wiring board.
Inputs to the MPC7450 are source-synchronous with the CQ clock generated by the DDR MSUG2 SRAMs.
These CQ clocks are received on the L3_ECHO_CLKn inputs of the MPC7450. An internal circuit delays
the incoming L3_ECHO_CLKn signal such that it is positioned within the valid data window at the internal
receiving latches. This delayed clock is used to capture the data into these latches which comprise the
receive FIFO. This clock is asynchronous to all other processor clocks. This latched data is subsequently
read out of the FIFO synchronously to the processor clock. The time between writing and reading the data
is set by the using the sample point settings defined in the L3CR register.
Table 11. Sample Points Calculation Parameters
Parameter
Symbol
Max
Unit
Notes
Delay from processor clock to internal_L3_CLK
tAC
3/4
tL3_CLK
1
Delay from internal_L3_CLK to L3_CLK[n] output pins
tCO
3ns
2
Delay from L3_ECHO_CLK[n] to receive latch
tECI
3ns
3
Notes:
1. This specification describes a logical offset between the internal clock edge used to launch the L3 address
and control signals (this clock edge is phase-aligned with the processor clock edge) and the internal clock
edge used to launch the L3_CLK[n] signals. With proper board routing, this offset ensures that the
L3_CLK[n] edge will arrive at the SRAM within a valid address window and provide adequate setup and
hold time. This offset is reflected in the L3 bus interface AC timing specifications, but must also be
separately accounted for in the calculation of sample points and, thus, is specified here.
2. This specification is the delay from a rising or falling edge on the internal_L3_CLK signal to the
corresponding rising or falling edge at the L3CLK[n] pins.
3. This specification is the delay from a rising or falling edge of L3_ECHO_CLK[n] to data valid and ready to
be sampled from the FIFO.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com