Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 48 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 48 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 44Page - Motorola, Inc MPC7450EC Datasheet HTML 45Page - Motorola, Inc MPC7450EC Datasheet HTML 46Page - Motorola, Inc MPC7450EC Datasheet HTML 47Page - Motorola, Inc MPC7450EC Datasheet HTML 48Page - Motorola, Inc MPC7450EC Datasheet HTML 49Page - Motorola, Inc MPC7450EC Datasheet HTML 50Page - Motorola, Inc MPC7450EC Datasheet HTML 51Page - Motorola, Inc MPC7450EC Datasheet HTML 52Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
48
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Document Revision History
and conduction) may vary widely. For these reasons, we recommend using conjugate heat transfer models
for the board, as well as system-level designs.
1.10 Document Revision History
Table 19 provides a revision history for this hardware specification.
Table 19. Document Revision History
Document Revision
Substantive Change(s)
Rev 0
Initial release.
Rev 1
Removed CHKS, DX, HPR, IARTRY0, OSHD, SRW[0:1], WAIT from spec and added to
TEST signal group; corrected Tables 16 and 17 and respective Notes.
Reformatted Table 16.
Added CI and WT to list of signals requiring weak pull-up resistors.
Updated power consumption specifications in Table 7.
Rev 1.1
Corrected Notes in Table 21 and Table 15 for L1_TSTCLK, L2TSTCLK, BVSEL, and
L3VSEL.
Added pullup/pulldown requirements for factory test signals to Section 1.9.7,
“Pull-Up/Pull-Down Resistor Requirements”.
Rev 2
Changed nominal core voltage to 1.6 V; 1.8 V core voltage still supported.
Updated power consumption specifications in Table 7 and changed low power modes
(Doze, Nap, Sleep) to specify ‘Typical’ values.
Rev 3
Revised Table 6 to clarify Cin specifications.
Removed Table 6, “Thermal Sensor Specifications” and accompanying text; TAU is
non-functional on MPC7450.
Corrected Parameter names and Notes in Table 9.
Corrected Table 21 and Table 15 and added Notes 13 and 14.
Removed 25 MHz column from Table 16 and added 83 MHz column.
Changed all references to inverted HRESET from HRESET to ¬HRESET for clarity and
to be consistent with the MPC7450 RISC Microprocessor Family User’s Manual.
Moved Table 11 (Table 13 in prior revisions) to Section 1.5.2.4, “L3 Bus AC
Specifications” because these specifications apply to all supported SRAM types, added
specification for tAC and all Notes.
Corrected Figure 23.
Removed Section 1.9.9, “MPX Outstanding Data Tenures (ODT)”. This information is now
provided in an Application Note.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com