Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 39 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 35Page - Motorola, Inc MPC7450EC Datasheet HTML 36Page - Motorola, Inc MPC7450EC Datasheet HTML 37Page - Motorola, Inc MPC7450EC Datasheet HTML 38Page - Motorola, Inc MPC7450EC Datasheet HTML 39Page - Motorola, Inc MPC7450EC Datasheet HTML 40Page - Motorola, Inc MPC7450EC Datasheet HTML 41Page - Motorola, Inc MPC7450EC Datasheet HTML 42Page - Motorola, Inc MPC7450EC Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
39
System Design Information
diodes (see Figure 21) control the maximum potential difference between the external bus and core power
supplies on power-up and the 1N5820 diodes regulate the maximum potential difference on power-down.
Figure 21. Example Voltage Sequencing Circuit
1.9.4
Decoupling Recommendations
Due to the MPC7450 dynamic power management feature, large address and data buses, and high operating
frequencies, the MPC7450 can generate transient power surges and high frequency noise in its power
supply, especially while driving large capacitive loads. This noise must be prevented from reaching other
components in the MPC7450 system, and the MPC7450 itself requires a clean, tightly regulated source of
power. Therefore, it is recommended that the system designer place at least one decoupling capacitor at each
VDD, OVDD, and GVDD pin of the MPC7450. It is also recommended that these decoupling capacitors
receive their power from separate VDD, OVDD/GVDD, and GND power planes in the PCB, utilizing short
traces to minimize inductance.
These capacitors should have a value of 0.01 µF or 0.1 µF. Only ceramic surface mount technology (SMT)
capacitors should be used to minimize lead inductance, preferably 0508 or 0603 orientations where
connections are made along the length of the part. Consistent with the recommendations of Dr. Howard
Johnson in High Speed Digital Design: A Handbook of Black Magic (Prentice Hall, 1993) and contrary to
previous recommendations for decoupling Motorola microprocessors, multiple small capacitors of equal
value are recommended over using multiple values of capacitance.
In addition, it is recommended that there be several bulk storage capacitors distributed around the PCB,
feeding the VDD, GVDD, and OVDD planes, to enable quick recharging of the smaller chip capacitors. These
bulk capacitors should have a low equivalent series resistance (ESR) rating to ensure the quick response
time necessary. They should also be connected to the power and ground planes through two vias to minimize
inductance. Suggested bulk capacitors: 100–330 µF (AVX TPS tantalum or Sanyo OSCON).
1.9.5
Connection Recommendations
To ensure reliable operation, it is highly recommended to connect unused inputs to an appropriate signal
level. Unused active low inputs should be tied to OVDD. Unused active high inputs should be connected to
GND. All NC (no-connect) signals must remain unconnected.
Power and ground connections must be made to all external VDD, OVDD, GVDD, and GND pins in the
MPC7450. If the L3 interface is not used, GVDD should be connected to the OVDD power phase, and
L3VSEL should be connected to BVSEL.
2.5 V
1.6 V
1N5820
1N5820
30BF10
30BF10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com