Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 17 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 17 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 13Page - Motorola, Inc MPC7450EC Datasheet HTML 14Page - Motorola, Inc MPC7450EC Datasheet HTML 15Page - Motorola, Inc MPC7450EC Datasheet HTML 16Page - Motorola, Inc MPC7450EC Datasheet HTML 17Page - Motorola, Inc MPC7450EC Datasheet HTML 18Page - Motorola, Inc MPC7450EC Datasheet HTML 19Page - Motorola, Inc MPC7450EC Datasheet HTML 20Page - Motorola, Inc MPC7450EC Datasheet HTML 21Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
17
Electrical and Thermal Characteristics
Figure 4 provides the AC test load for the MPC7450.
Figure 4. AC Test Load
SYSCLK to ARTRY/SHD0/SHD1 high impedance after
precharge
tKHARPZ
—2
t
sysclk
5, 8,
9, 10
Notes:
1.
All input specifications are measured from the midpoint of the signal in question to the midpoint of the rising edge
of the input SYSCLK. All output specifications are measured from the midpoint of the rising edge of SYSCLK to
the midpoint of the signal in question. All output timings assume a purely resistive 50-
Ω load (see Figure 4). Input
and output timings are measured at the pin; time-of-flight delays must be added for trace lengths, vias, and
connectors in the system.
2.
The symbology used for timing specifications herein follows the pattern of t(signal)(state)(reference)(state) for inputs
and t(reference)(state)(signal)(state) for outputs. For example, tIVKH symbolizes the time input signals (I) reach the valid
state (V) relative to the SYSCLK reference (K) going to the high (H) state or input setup time. And tKHOV
symbolizes the time from SYSCLK(K) going high (H) until outputs (O) are valid (V) or output valid time. Input hold
time can be read as the time that the input signal (I) went invalid (X) with respect to the rising clock edge (KH)
(note the position of the reference and its state for inputs) and output hold time can be read as the time from the
rising edge (KH) until the output went invalid (OX).
3.
The setup and hold time is with respect to the rising edge of HRESET (see Figure 5).
4.
This specification is for configuration mode select only.
5.
tsysclk is the period of the external clock (SYSCLK) in nanoseconds (ns). The numbers given in the table must be
multiplied by the period of SYSCLK to compute the actual time duration (in ns) of the parameter in question.
6.
Mode select signals are: BVSEL, L3VSEL, PLL_CFG[0:3], PLL_EXT, BMODE[0:1].
7.
According to the bus protocol, TS is driven only by the currently active bus master. It is asserted low then
precharged high before returning to high impedance as shown in Figure 6. The nominal precharge width for TS is
0.5
× t
SYSCLK, i.e., less than the minimum tSYSCLK period, to ensure that another master asserting TS on the
following clock will not contend with the precharge. Output valid and output hold timing is tested for the signal
asserted. Output valid time is tested for precharge.The high impedance behavior is guaranteed by design.
8.
According to the bus protocol, ARTRY can be driven by multiple bus masters through the clock period
immediately following AACK. Bus contention is not an issue because any master asserting ARTRY will be driving
it low. Any master asserting it low in the first clock following AACK will then go to high impedance for one clock
before precharging it high during the second cycle after the assertion of AACK. The nominal precharge width for
ARTRY is 1.0 tsysclk; that is, it should be high impedance as shown in Figure 6 before the first opportunity for
another master to assert ARTRY. Output valid and output hold timing is tested for the signal asserted.The
high-impedance behavior is guaranteed by design.
9.
According to the MPX bus protocol, SHD0 and SHD1 can be driven by multiple bus masters beginning the cycle
of TS. Timing is the same as ARTRY, i.e., the signal is high impedance for a fraction of a cycle, then negated for
up to an entire cycle (crossing a bus cycle boundary) before being three-stated again. The nominal precharge
width for SHD0 and SHD1 is 1.0 tsysclk. The edges of the precharge vary depending on the programmed ratio of
core to bus (PLL configurations).
10. Guaranteed by design and not tested.
Table 9. Processor Bus AC Timing Specifications (continued)
At recommended operating conditions. See Table 4.
Parameter
Symbol2
All Speed Grades
Unit
Notes
Min
Max
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com