Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 11 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 11 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 7Page - Motorola, Inc MPC7450EC Datasheet HTML 8Page - Motorola, Inc MPC7450EC Datasheet HTML 9Page - Motorola, Inc MPC7450EC Datasheet HTML 10Page - Motorola, Inc MPC7450EC Datasheet HTML 11Page - Motorola, Inc MPC7450EC Datasheet HTML 12Page - Motorola, Inc MPC7450EC Datasheet HTML 13Page - Motorola, Inc MPC7450EC Datasheet HTML 14Page - Motorola, Inc MPC7450EC Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
11
Electrical and Thermal Characteristics
Figure 2 shows the undershoot and overshoot voltage on the MPC7450.
Figure 2. Overshoot/Undershoot Voltage
The MPC7450 provides several I/O voltages to support both compatibility with existing systems and
migration to future systems. The MPC7450 core voltage must always be provided at nominal 1.6 V (see
Table 4 for actual recommended core voltage). Voltage to the L3 I/Os and processor interface I/Os are
provided through separate sets of supply pins and may be provided at the voltages shown in Table 3. The
input voltage threshold for each bus is selected by sampling the state of the voltage select pins at the negation
of the signal HRESET. The output voltage will swing from GND to the maximum voltage applied to the
OVDD or GVDD power pins.
Table 3. Input Threshold Voltage Setting
BVSEL Signal
Processor Bus Input
Threshold is Relative to:
L3VSEL Signal
L3 Bus Input Threshold is
Relative to:
Notes
0
1.8 V
0
1.8 V
1, 4
¬HRESET
Not Available
¬HRESET
1.5 V
1, 3
HRESET
2.5 V
HRESET
2.5 V
1, 2
1
2.5 V
1
2.5 V
1
Notes:
1. Caution: The input threshold selection must agree with the OVDD/GVDD voltages supplied. See notes in Table 2.
2. To select the 2.5-V threshold option for the processor bus, BVSEL should be tied to HRESET so that the two
signals change state together. Similarly, to select 2.5 V for the L3 bus, tie L3VSEL to HRESET. This is the preferred
method for selecting this mode of operation.
3. Applicable to L3 bus interface only. ¬HRESET is the inverse of HRESET.
4. If used, pulldown resistors should be less than 250
Ω.
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
OVDD/GVDD + 20%
VIL
OVDD/GVDD
OVDD/GVDD + 5%
of tSYSCLK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com