Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 16 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 16 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 12Page - Motorola, Inc MPC7450EC Datasheet HTML 13Page - Motorola, Inc MPC7450EC Datasheet HTML 14Page - Motorola, Inc MPC7450EC Datasheet HTML 15Page - Motorola, Inc MPC7450EC Datasheet HTML 16Page - Motorola, Inc MPC7450EC Datasheet HTML 17Page - Motorola, Inc MPC7450EC Datasheet HTML 18Page - Motorola, Inc MPC7450EC Datasheet HTML 19Page - Motorola, Inc MPC7450EC Datasheet HTML 20Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 52 page
background image
16
MPC7450 RISC Microprocessor Hardware Specifications
MOTOROLA
Electrical and Thermal Characteristics
Table 9. Processor Bus AC Timing Specifications
At recommended operating conditions. See Table 4.
Parameter
Symbol2
All Speed Grades
Unit
Notes
Min
Max
Mode select input setup to HRESET
tMVRH
8—
t
sysclk
3, 4, 5, 6
HRESET to mode select input hold
tMXRH
0
—
ns
3, 5
Input setup times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], WT, CI,
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3],
HRESET, INT, MCP, QACK, SMI, SRESET, TA,
TBEN, TEA, TS, EXT_QUAL, PMON_IN, SHD[0:1]
tAVKH
tIVKH
2.0
2.0
—
—
ns
Input hold times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], WT, CI,
D[0:63], DP[0:7]
AACK, ARTRY, BG, CKSTP_IN, DBG, DTI[0:3],
HRESET, INT, MCP, QACK, SMI, SRESET, TA,
TBEN, TEA, TS, EXT_QUAL, PMON_IN, SHD[0:1]
tAXKH
tIXKH
0
0
—
—
ns
Output valid times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], WT, CI
TS
D[0:63], DP[0:7]
ARTRY/SHD0/SHD1
BR, CKSTP_OUT, DRDY, HIT, PMON_OUT, QREQ]
tKHAV
tKHTSV
tKHDV
tKHARV
tKHOV
—
—
—
—
—
2.5
2.5
2.8
2.5
2.5
ns
Output hold times:
A[0:35], AP[0:4], GBL, TBST, TSIZ[0:2], WT, CI
TS
D[0:63], DP[0:7]
ARTRY/SHD0/SHD1
BR, CKSTP_OUT, DRDY, HIT, PMON_OUT, QREQ
tKHAX
tKHTSX
tKHDX
tKHARX
tKHOX
0.5
0.5
0.5
0.5
0.5
—
—
—
—
—
ns
SYSCLK to output enable
tKHOE
0.5
—
ns
SYSCLK to output high impedance (all except TS, ARTRY,
SHD0, SHD1)
tKHOZ
—
3.5
ns
SYSCLK to TS high impedance after precharge
tKHTSPZ
—1
t
sysclk
5, 7, 10
Maximum delay to ARTRY/SHD0/SHD1 precharge
tKHARP
—1
t
sysclk
5, 8,
9, 10
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com