Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7450EC Datasheet(PDF) 13 Page - Motorola, Inc

Part # MPC7450EC
Description  Freescale Semiconductor, Inc.
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC7450EC Datasheet(HTML) 13 Page - Motorola, Inc

Back Button MPC7450EC Datasheet HTML 9Page - Motorola, Inc MPC7450EC Datasheet HTML 10Page - Motorola, Inc MPC7450EC Datasheet HTML 11Page - Motorola, Inc MPC7450EC Datasheet HTML 12Page - Motorola, Inc MPC7450EC Datasheet HTML 13Page - Motorola, Inc MPC7450EC Datasheet HTML 14Page - Motorola, Inc MPC7450EC Datasheet HTML 15Page - Motorola, Inc MPC7450EC Datasheet HTML 16Page - Motorola, Inc MPC7450EC Datasheet HTML 17Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
MOTOROLA
MPC7450 RISC Microprocessor Hardware Specifications
13
Electrical and Thermal Characteristics
Table 6 provides the DC electrical characteristics for the MPC7450.
Table 6. DC Electrical Specifications
At recommended operating conditions. See Table 4.
Characteristic
Nominal
Bus
Voltage1
Symbol
Min
Max
Unit
Notes
Input high voltage
(all inputs except SYSCLK)
1.5
VIH
GVDD × 0.65
GVDD + 0.3
V
6
1.8
VIH
OVDD/GVDD × 0.65
OVDD/GVDD + 0.3
V
2.5
VIH
1.7
OVDD/GVDD + 0.3
V
Input low voltage
(all inputs except SYSCLK)
1.5
VIL
–0.3
GVDD × 0.35
V
6
1.8
VIL
–0.3
OVDD/GVDD × 0.35
V
2.5
VIL
–0.3
0.7
V
SYSCLK input high voltage
—
CVIH
1.4
OVDD + 0.3
V
SYSCLK input low voltage
—
CVIL
–0.3
0.4
V
Input leakage current,
Vin = GVDD/OVDD + 0.3 V
—Iin
—
10
µA
2, 3
High impedance (off-state) leakage
current, Vin = GVDD/OVDD + 0.3 V
—ITSI
—
10
µA
2, 3, 5
Output high voltage, IOH = –5 mA
1.5
VOH
OVDD/GVDD – 0.45
—
V
6
1.8
VOH
OVDD/GVDD – 0.45
—
V
2.5
VOH
1.7
—
V
Output low voltage, IOL = 5 mA
1.5
VOL
—
0.45
V
6
1.8
VOL
—
0.45
V
2.5
VOL
—
0.7
V
Capacitance,
Vin = 0 V,
f = 1 MHz
L3 interface
—
Cin
—
9.5
pF
4
All other inputs
—
8.0
pF
4
Notes:
1. Nominal voltages; see Table 4 for recommended operating conditions.
2. For processor bus signals, the reference is OVDD while GVDD is the reference for the L3 bus signals.
3. Excludes test signals and IEEE 1149.1 boundary scan (JTAG) signals.
4. Capacitance is periodically sampled rather than 100% tested.
5. The leakage is measured for nominal OVDD/GVDD and VDD, or both OVDD/GVDD and VDD must vary in the same
direction (for example, both OVDD and VDD vary by either +5% or –5%).
6. Applicable to L3 bus interface only.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com