Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 50 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 46Page - Texas Instruments TNETX3150A Datasheet HTML 47Page - Texas Instruments TNETX3150A Datasheet HTML 48Page - Texas Instruments TNETX3150A Datasheet HTML 49Page - Texas Instruments TNETX3150A Datasheet HTML 50Page - Texas Instruments TNETX3150A Datasheet HTML 51Page - Texas Instruments TNETX3150A Datasheet HTML 52Page - Texas Instruments TNETX3150A Datasheet HTML 53Page - Texas Instruments TNETX3150A Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
x24C02 EEPROM interface
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
SIO
Control
0x08
The flash EEPROM interface is provided so the system-level manufacturers can provide a preconfigured
system to their customers. Customers can change or reconfigure the system and retain preferences between
system power downs. The flash EEPROM contains configuration and initialization information that is accessed
infrequently (typically at power up and reset). The host can write to the EEPROM through this SIO
register interface.
The TNETX15AE implements a two-wire serial interface, consisting of EDIO and EDCLK that communicates
with the EEPROM. Similar to the MII interface, the TNETX15AE does not implement any timing or data structure
on its serial interface. Appropriate timing and frame format must be ensured by the management software by
setting or clearing bits at the right times. There are no limits to the size or organization of the EEPROM when
the host is driving this interface, but these same terminals are used by an internal state machine to load the
contents of the EEPROM into internal registers. This state machine expects a 24C02 (as device 0) on the serial
bus. Refer to the manufacturer’s data sheet for a description of the EEPROM waveforms.
If an EEPROM is not installed, EDIO should be tied low. For EEPROM operation, EDIO and EDCLK require an
external pullup (see EEPROM data sheet). The TNETX15AE detects the presence or absence of the EEPROM
and indicates this in the NEEPM bit of the control register.
initialization
The TNETX15AE can be designed for stand-alone use, with no need for a management CPU. It can be reset
and initialized with or without a host CPU. This section discusses the steps necessary to bring the TNETX15AE
up to an operating level.
TNETX3150/TNETX3150A/TNETX3100 initialization
If multiple-port EAM codings are used, then TNETX3150/TNETX3150A/TNETX3100 IOBMOD bit in the systcl
register
must
be
set
to
a
1.
If
reversed
(IOBMOD
in
TNETX3150/TNETX3150A/TNETX3100
systcl register = 0), the ability to send frames to multiple ports, but not all ports, is lost. Multicasts become
broadcasts to all ports, regardless of EAM code. Also, the broadcast is not in order with other traffic on each
transmit queue.
The user also must disable the TNETX3150/TNETX3150A/TNETX3100 internal-address matching when using
the TNETX15AE. This is accomplished by writing a 1 to the ADRDIS bit in the port control register of each port.
resetting the TNETX15AE
hardware reset
The TNETX15AE is hardware reset by asserting RESET low. The TNETX15AE comes out of reset when RESET
goes high.
During a hardware reset, no access to the internal registers is allowed. A read or write stalls, that is, SRDY does
not come true until the hardware state machine is done. All access registers and internal registers are initialized
to default values. Hardware reset should complete in a few tens of clock cycles.
If an EEPROM is detected (after a hardware reset), the TNETX15AE begins the EEPROM auto-loading
process. No DIO operations are allowed during auto-loading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com