Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 22 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 22 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 18Page - Texas Instruments TNETX3150A Datasheet HTML 19Page - Texas Instruments TNETX3150A Datasheet HTML 20Page - Texas Instruments TNETX3150A Datasheet HTML 21Page - Texas Instruments TNETX3150A Datasheet HTML 22Page - Texas Instruments TNETX3150A Datasheet HTML 23Page - Texas Instruments TNETX3150A Datasheet HTML 24Page - Texas Instruments TNETX3150A Datasheet HTML 25Page - Texas Instruments TNETX3150A Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
management-table lookup interface at 0x0B–0x16 (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO ADDRESS
Findnode23–Findnode16
Findnode31–Findnode24
Findnode39–Findnode32
Findnode47–Findnode40
0x0C
Findport
Findnode7–Findnode0
Findnode15–Findnode8
0x10
Findcontrol
Findnodeage
0x14
The management-table lookup registers allow the management entity to find information about the node
addresses contained in the table.
These registers are part of the address lookup/inspection mechanism supported through the DIO (host)
interface. An address is fully described by the six bytes of findnode (0xC to 0x11). Data about an address is
returned in findport (0x12). FIND commands are issued through the findcontrol (0x16) register. They are
discussed later in more detail in numerical order.
To cause a FIND operation to execute, the host writes to the findcontrol register (0x16). To find the first address
in the table, execute a FIRST command. The target MAC address is returned in six bytes of findnode registers.
If a successive FIND command is executed (findnext), the starting point to continue the search is the six bytes
of findnode. The results are returned in the same registers, overwriting the original values. These registers can
be read/write between FINDS; a find next picks up with the current values of findnode. If a lookup on an address
to check parameters is executed, the data returned corresponds to the value in the six bytes of findnode when
the lookup command was given; the address parameters are posted in the findport register (0x12, 0x13). The
FIND operation completion is detected when the command bit is written back to 0 (poll). The find register block
is discussed later in further detail in numerical order.
lookup-node address register, findnode at 0x0C–0x11 (DIO)
The findnode registers are used to exchange addresses between the TNETX15AE and the management CPU.
The node address in findnode is kept in Ethernet native data format; bit 40 is the group/specific bit. The function
of findnode depends on the bits set in findcontrol:
D On FIRST operations, this register shows the first address in the lookup table. The data in findnode is valid
only when the FOUND bit in findcontrol is a 1.
D On NEXT operations, this register shows the next address in the lookup table. The data in findnode is valid
only when the FOUND bit in findcontrol is a 1.
D On LKUP operations, the lookup logic operation looks up the address stored in this register. If found, the
FOUND bit in findcontrol is set to a 1.
This register is readable/writeable. While any of the FIND command bits are set, writes to these addresses
are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com