Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 34 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 34 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 30Page - Texas Instruments TNETX3150A Datasheet HTML 31Page - Texas Instruments TNETX3150A Datasheet HTML 32Page - Texas Instruments TNETX3150A Datasheet HTML 33Page - Texas Instruments TNETX3150A Datasheet HTML 34Page - Texas Instruments TNETX3150A Datasheet HTML 35Page - Texas Instruments TNETX3150A Datasheet HTML 36Page - Texas Instruments TNETX3150A Datasheet HTML 37Page - Texas Instruments TNETX3150A Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
34
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
uplink routing register, uplinkport at 0x6E (DIO)
BIT
7
6
5
4
3
2
1
0
Reserved
Uplink
Initial values after reset
0
0
0
0
0
0
0
0
The uplinkport register routes selected packets to a user-selected port. This register is valid only when the
destination address being looked up has the CUPLNK bit set. Then the TNETX15AE forwards frames to the
port specified in the lookup table and the port specified in this register. The TNETX15AE masks (does not send
frames to) the port that originated the frame.
PRINCIPLES OF OPERATION
The purpose of this section is to assist in the development of management operational code for the TNETX15AE.
Management code is drastically simplified when using the TNETX15AE since it is designed to operate without the
need for a management CPU. Many of the functions that were performed previously by a CPU are now integrated
on the TNETX15AE.
This section discusses the following topics:
D A background on the TNETX15AE architecture, including the data-storage algorithm and the arbitration
between logic operations
D How to access the TNETX15AE registers through the DIO interface, and how these registers can be used
to access the internal/external SRAM, the EEPROM, and any MII-managed devices
D How to access the TNETX15AE through the DIO interface from a hardware reset, and do the steps needed
to bring the TNETX15AE to an operational state
D How to use the logic operations to perform management-based lookups, adds, and deletions.
D How to use the TNETX15AE interrupt support to create event-driven management code.
internal operation
This section describes the TNETX15AE hardware and how it affects the programmer and the
TNETX3150/TNETX3150A/TNETX3100 performance. The functionality described in this section is transparent
to the user, but it is included to help the user become familiar with the TNETX15AE architecture and how it
interfaces
to
the
TNETX3150/TNETX3150A/TNETX3100
device.
Refer
to
the
latest
TNETX3150/TNETX3150A/TNETX3100 documentation for additional information.
EAM codings and in-order broadcasts (IOB)
The TNETX15AE uses two styles of EAM codings – single-port and multiple-port codings. The
TNETX3150/TNETX3150A/TNETX3100 treats these two types of coding differently.
Single-port codings forward frames to a single port. The TNETX3150/TNETX3150A/TNETX3100 queues these
frames to the port queue.
Multiple-port codings forward frames to multiple ports. The TNETX3150/TNETX3150A/TNETX3100 creates an
IOB list structure to queue this frame to multiple-port queues. IOB lists use more memory bandwidth than a
regular list because IOB lists require the use of an extra 64-byte buffer to contain all queue pointers for the ports.
If
many
small
frames
are
sent
to
multiple
ports,
IOB
structures
then
can
use
significant
TNETX3150/TNETX3150A/TNETX3100 memory bandwidth.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com