Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 56 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 56 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 52Page - Texas Instruments TNETX3150A Datasheet HTML 53Page - Texas Instruments TNETX3150A Datasheet HTML 54Page - Texas Instruments TNETX3150A Datasheet HTML 55Page - Texas Instruments TNETX3150A Datasheet HTML 56Page - Texas Instruments TNETX3150A Datasheet HTML 57Page - Texas Instruments TNETX3150A Datasheet HTML 58Page - Texas Instruments TNETX3150A Datasheet HTML 59Page - Texas Instruments TNETX3150A Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
56
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
summary of FIND operations supported
Table 8 summarizes the supported FIND operations, the bits used to select the operation, and the code written
to the findcontrol register.
Table 8. FIND Operations
OPERATION
BITS USED
FINDCONTROL
FIND (LKUP)
LKUP
0x01
FINDNEXT
NEXT
0x02
FINDFIRST
FIRST
0x04
adding an address
The ADD logic operation is responsible for new address additions to the lookup table, address port changes,
modifying the information stored in the lookup table, and keeping the address time stamp current. The
TNETX15AE implements a single ADD logic operation and shares it between automatic adds from the wire and
host port additions. The TNETX15AE prioritizes wire adds over management adds. It completes an add request
before starting another request.
The ADD algorithm is summarized as follows:
D ADD performs a lookup to determine if the address exists in the table.
D If the address exists, ADD verifies that the port assignment has not changed. If the port assignment
changes, ADD updates the port. In all cases, ADD updates the AGE time stamp.
D If the address does not exist, ADD adds the address to the table with the current time stamp.
Currently, adding an address requires available lookup tables. It is possible that during the ADD operation no
more lookup tables are available for address additions. A FULL interrupt is issued to the host, and the ADD
operation stalls, pending the resolution of the no-space-available situation. In this situation, the following occurs.
D If the NAUTO bit is set to 1 (host-managing table), the host deletes addresses in the table until enough are
deleted to make space for the new address. Depending on the shared tables used by the addresses being
deleted, and the tables that are shared by the inbound address, it is possible that many addresses may have
to be deleted for the new address to fit. When enough space is available, the ADD operation completes.
D If the NAUTO bit is set to 0 (TNETX15AE managing table), the TNETX15AE deletes as many addresses
as necessary to fit the new address into the table by deleting the oldest addresses, using the AGE function.
interrupts available to support both wire ADDs and host ADDs
The following interrupts are active, regardless of the state of NAUTO, to support monitoring of addresses added
to the table (subject to the bandwidth available to look up source addresses):
D NEW and NEWM interrupts are indicated when a new address is found.
D CHNG and CHNGM interrupts are indicated when the address is not new but the port assignment
is changed.
D SECVIO and SECVIOM interrupts are indicated when the address is not new, the port assignment is
changed, and the address is secured.
The following modes indicate control and other options that affect the ADD logic operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com