Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 58 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 58 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 54Page - Texas Instruments TNETX3150A Datasheet HTML 55Page - Texas Instruments TNETX3150A Datasheet HTML 56Page - Texas Instruments TNETX3150A Datasheet HTML 57Page - Texas Instruments TNETX3150A Datasheet HTML 58Page - Texas Instruments TNETX3150A Datasheet HTML 59Page - Texas Instruments TNETX3150A Datasheet HTML 60Page - Texas Instruments TNETX3150A Datasheet HTML 61Page - Texas Instruments TNETX3150A Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
58
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
management address adding (continued)
The ADD logic operation locks the addnode, addVLANID, and addport registers to ensure that they do not
change during the address ADD. Reads to these registers are still possible, but writes are ignored. The ADD
bit in the adddelcontrol register remains a 1 until the ADD is complete.
Having a sticky bit (remains a 1) for ADD gives the programmer the opportunity to set up or perform other register
operations without having to wait for the ADD completion. A polling method is used to determine if the ADD
is finished.
adding unicast and multicast addresses
There is no significant change in procedure between adding unicast and multicast addresses. There is one
difference that the programmer must observe. The TNETX15AE stores different information for multicast
addresses than for unicast addresses. Unicast addresses use a 4-bit code for the port number and three flag
bits. Multicast addresses store a 15-bit forwarding mask.
Both data formats are added through the addport register. The format for this register changes, depending on
bit 40 in the addnode register. If set to 1, the addport data is interpreted as multicast (if not, it is interpreted
as unicast).
deleting an address
The TNETX15AE has two ways to delete addresses from the lookup table – the internal aging algorithm and
a host request through the DIO interface. The DEL state machine is responsible for deleting addresses from
the lookup table. DEL takes its information from the DIO registers for DIO deletes and from the AGE logic
operation for aging deletes.
The TNETX15AE implements a 16-bit timer, incrementing every second for the aging process. This timer is used
to write the time stamp during ADDs and for comparing ages.
aging (AGE logic operation)
The AGE logic operation is responsible for automatic address deletes. The TNETX15AE implements two styles
of aging: time-threshold aging and table-full aging. The aging style is selected through the agingtimer register.
A value of 0x0000 or 0xFFFF in the agingtimer register selects table-full aging. Any other value selects
time-threshold aging. The AGE logic operation is disabled when the TNETX15AE is placed in NAUTO mode.
The aging algorithm works as shown in Figure 16 and is described in the following.
Find Oldest
Start
Wait
for
Condition
Delete
Scan
Figure 16. Aging Algorithm Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com