Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 19 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 19 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 15Page - Texas Instruments TNETX3150A Datasheet HTML 16Page - Texas Instruments TNETX3150A Datasheet HTML 17Page - Texas Instruments TNETX3150A Datasheet HTML 18Page - Texas Instruments TNETX3150A Datasheet HTML 19Page - Texas Instruments TNETX3150A Datasheet HTML 20Page - Texas Instruments TNETX3150A Datasheet HTML 21Page - Texas Instruments TNETX3150A Datasheet HTML 22Page - Texas Instruments TNETX3150A Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
unknown multicast port-routing register, unkmultiports at 0x06–0x07 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Unkmultiports
Initial values after reset
0
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
The unkmultiports register is used to route multicast frames whose multicast address is not found within the
lookup table. Normally these frames are flooded to all ports except to the port that originated the frame. The
TNETX15AE uses the unkmultiports register to route these frames to only selected ports. When the
TNETX15AE uses the unkmultiports register for multicast flooding, it increments the unkmultictr counter. The
TNETX15AE masks out the originating port when using this register. This prevents the attached switch from
forwarding the frame to its originating port.
The bit numbers in this register have a one-to-one correspondence with the attached switch-device port number.
This register is readable/writeable and is auto-loaded from the EEPROM when the RESET terminal is asserted
low or when LOAD in the control register is set.
mode control status register, control at 0x08–0x09 (DIO)
BYTE 1
BYTE 0
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET
LOAD
START
INITD
NEEPM
NAUTO
Reserved
NLRN0
NCRC
Reserved
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
No EEPROM detected
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
Auto loading fails
1
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
The control register is automatically loaded from the EEPROM when the RESET terminal is asserted low, or
when the LOAD bit is set. Only selected bits in this register are loaded from the EEPROM. RESET and LOAD
bits are not loaded to prevent automatic loading loops. The two status bits, INITD and NEEPM, also are not
loadable. If automatic loading fails due to EEPROM malfunction or CRC error, the control register RESET bit
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com