Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 33 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 33 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 29Page - Texas Instruments TNETX3150A Datasheet HTML 30Page - Texas Instruments TNETX3150A Datasheet HTML 31Page - Texas Instruments TNETX3150A Datasheet HTML 32Page - Texas Instruments TNETX3150A Datasheet HTML 33Page - Texas Instruments TNETX3150A Datasheet HTML 34Page - Texas Instruments TNETX3150A Datasheet HTML 35Page - Texas Instruments TNETX3150A Datasheet HTML 36Page - Texas Instruments TNETX3150A Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
33
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
management delete address interface group at 0x2C, 0x48–0x4F (DIO)
BYTE 3
BYTE 2
BYTE 1
BYTE 0
DIO
ADDRESS
Adddelcontrol
0x2C
0x30
0x34
0x38
0x3C
0x40
0x44
Delnode23–Delnode16
Delnode31–Delnode24
Delnode39–Delnode32
Delnode47–Delnode40
0x48
Delnode7–Delnode0
Delnode15–Delnode8
0x4C
The management delete address interface is used with the DEL bits in the adddelcontrol register to perform
management deletions from the lookup table.
lookup table add/delete command register, adddelcontrol at 0x2C (DIO), byte 0
BYTE 0
BIT
7
6
5
4
3
2
1
0
Reserved
ADD
DEL
Initial values after reset
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
7–2
Reserved
Writes to this location are ignored and are read as 0.
1
ADD
See the add command-bit description and the description of the addnode registers (0x38–0x3f).
0
DEL
Address delete. When DEL is asserted, the TNETX15AE uses the information contained in the management delete
address interface to delete an address from the lookup table. DEL remains asserted until the delete process is complete.
The adddelcontrol register can be read at any time. If the ADD or DEL bit is being written and that bit is already
set, the DIO interface will stall and SRDY will be delayed until the current cycle completes. If neither of these
two bits is already set during a write, a normal cycle results.
delete-node address register, delnode at 0x48–0x4D (DIO)
The delnode registers are used with the DEL bit in the adddelcontrol register to allow for management deletion
of an address in the lookup table. To delete an address, the address to be deleted is placed in Ethernet native
data format in this register, and the DEL bit in the adddelcontrol register is asserted. This register defaults to
0x00.00.00.00.00.00 after reset. These registers are normally read/write except when the DEL bit in the
adddelcontrol register is high; then, writes are ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com