Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 65 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 65 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 61Page - Texas Instruments TNETX3150A Datasheet HTML 62Page - Texas Instruments TNETX3150A Datasheet HTML 63Page - Texas Instruments TNETX3150A Datasheet HTML 64Page - Texas Instruments TNETX3150A Datasheet HTML 65Page - Texas Instruments TNETX3150A Datasheet HTML 66Page - Texas Instruments TNETX3150A Datasheet HTML 67Page - Texas Instruments TNETX3150A Datasheet HTML 68Page - Texas Instruments TNETX3150A Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
65
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = rated
VCC–0.6
V
VOL
Low-level output voltage
IOL = rated
0.4
V
IOZ
High impedance state output current
VO = VCC
20
µA
IOZ
High-impedance-state output current
VO = 0
–20
µA
IIH
High-level input current
VI = VI(MAX)
–20
µA
IIL
Low-level input current
VI = GND
20
µA
ICC
Supply current, 3.3 V
75
mA
ICC(5V)
Supply current, 5 V
2
mA
timing requirements over recommended operating conditions (see Figure 18)
external SRAM read cycle
NO.
MIN
MAX
UNIT
1
tc(R)
Cycle time, read
40
ns
2
tsu(ED) Setup time, ED15–ED0 valid before OSCIN↑
10
ns
3
th(ED)
Hold time, ED15–ED0 valid after OSCIN
↑
2
ns
operating characteristics over recommended operating conditions (see Figure 18)
external SRAM read cycle
NO.
PARAMETER
MIN
MAX
UNIT
4
td(EA)1
Delay time, from OSCIN
↑ to EA20–EA0 valid
2
17
ns
5
td(EOE)1
Delay time, from OSCIN
↓ to EOE↓
13
ns
6
td(EOE)2
Delay time, from OSCIN
↑ to EOE↑
2
12
ns
7
td(EA)2
Delay time, from EOE
↑ to EA20–EA0 valid
–2
ns
4+2
td(EA)1 + tsu(ED) Delay time, total for same device
24
ns
Z
5
1
6
Z
3
EA20–EA0
(Output)
EWE
(Output)
EOE
(Output)
ED15–ED0
(Input)
OSCIN
(Input)
2
Valid
4
4
Valid
Valid
7
Figure 18. External SRAM Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com