Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 55 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 51Page - Texas Instruments TNETX3150A Datasheet HTML 52Page - Texas Instruments TNETX3150A Datasheet HTML 53Page - Texas Instruments TNETX3150A Datasheet HTML 54Page - Texas Instruments TNETX3150A Datasheet HTML 55Page - Texas Instruments TNETX3150A Datasheet HTML 56Page - Texas Instruments TNETX3150A Datasheet HTML 57Page - Texas Instruments TNETX3150A Datasheet HTML 58Page - Texas Instruments TNETX3150A Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
FIND, FINDFIRST, and FINDNEXT commands
There are three find commands supported by the TNETX15AE: FINDFIRST, FINDNEXT, and FIND(LKUP).
These are used to interrogate the table that the TNETX15AE built as a result of all ADDS. FIND works on all
addresses.
FIND indicates completion by clearing its command bits. The findcontrol register keeps the code that the user
has written until the process is complete. For example, if the user writes a 0x01 to findcontrol (LKUP) then this
register reads 0x01 until the FIND logic operation is finished operating.
If an address is found as a result of the command just completed, it is indicated by asserting the FOUND bit in
findcontrol. The FOUND bit indicates that the information in the findnode, findport, and findnodeage registers
is valid.
The FIND command finds a specific user-defined address in the lookup table. The procedure for the FIND
command is as follows:
D Write the 48-bit address query in the findnode register.
D Set the LKUP bit in the findcontrol register. The TNETX15AE scans the lookup table for that
particular address.
D Poll the findcontrol register until the LKUP bit is cleared. A single read is necessary as the SRDY is delayed
until the operation is complete.
D Read the findcontrol register. If FOUND is set, the address was found and the node’s information is placed
in the registers. If FOUND is not set, the address was not found within the lookup table.
The FINDFIRST command finds the first address contained in the lookup table. The procedure for the
FINDFIRST command is as follows:
D Set the FIRST bit in the findcontrol register. No write to findnode or findport is required. The TNETX15AE
scans the lookup table for the first address.
D Poll the findcontrol register until the FIRST bit is cleared. A single read is necessary as the SRDY is delayed
until the operation is complete (up to 6.4
µs).
D Read the findcontrol register. If FOUND is set, an address was found and the node’s address and
information is placed in the registers. If FOUND is not set, an address was not found, i.e., the lookup table
is empty.
The FINDNEXT command finds the next address from that contained in the findnode register. The user can
either write a value in findnode and find the next address or keep the current value and continue finding next
addresses. The procedure for the FINDNEXT command is as follows:
D Write the starting address in findnode (if desired) or keep the currently held address.
D Set the NEXT bit in findcontrol. The TNETX15AE scans the lookup table for the next address after the one
contained in findnode.
D Poll the findcontrol register until the NEXT bit is cleared. A single read is necessary as the SRDY is delayed
until the operation is complete (up to 6.4
µs).
D Read the findcontrol register. If FOUND is set, and the address was found, the node’s address and
information is placed in the registers. If FOUND is not set, and an address was not found, the rest of the
lookup table is empty.
The commands can be combined sequentially to quickly read the whole address table. All that is required is a
FINDFIRST, followed by FINDNEXT commands, until no more addresses are found.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com