Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 32 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 28Page - Texas Instruments TNETX3150A Datasheet HTML 29Page - Texas Instruments TNETX3150A Datasheet HTML 30Page - Texas Instruments TNETX3150A Datasheet HTML 31Page - Texas Instruments TNETX3150A Datasheet HTML 32Page - Texas Instruments TNETX3150A Datasheet HTML 33Page - Texas Instruments TNETX3150A Datasheet HTML 34Page - Texas Instruments TNETX3150A Datasheet HTML 35Page - Texas Instruments TNETX3150A Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
add routing code register, addport at 0x3E–0x3F (DIO)
The addport register is used to set or change port and flag assignments for the node address contained in the
addnode register. The definition for the addport register depends on whether the address stored in the addnode
register is a unicast or multicast address.
This interface is used by the host to enter broadcast, multicast, and unicast addresses to the TNETX15AE table.
Wire ADDs operate on packet-source addresses, and all of these are forced to unicast addresses.
If addnode is a unicast address, (addnode (40) = 0), addport is defined as follows:
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SECURE
LOCKED
CUPLNK
PORTCODE
Reserved
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
Reserved
Writes are ignored and read as 0.
14
SECURE
Secured address flag. SECURE is used to change the security level for the address contained in the addnode register.
13
LOCKED
Locked address flag. LOCKED locks/unlocks the address contained in the addnode register on an add operation.
Locked addresses output a discard code on the EAM interface.
12
CUPLINK
Copy frames to uplink flag. CUPLINK sets the copy uplink status for the address contained in the addnode register.
Addresses tagged by this bit add the port (specified in the uplinkports register) to the routing code.
11–8
PORTCODE
Current port code for address. The value in PORTCODE becomes the port to which packets (sent to this address)
are forwarded. In addresses that are added automatically to the table, the source port goes to this field. This field is
writeable, and can be used to redirect traffic.
7–0
Reserved
Writes to this location are ignored and read as 0.
If addnode is a multicast address, (addnode (40) = 1), addport is defined as follows:
BYTE 3
BYTE 2
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
PORTFLAG
Initial values after reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
BIT
NAME
FUNCTION
15
Reserved
Writes are ignored and read as 0.
14–0
PORTFLAG
PORTFLAG for multicast. PORTFLAG is the port assignment for the multicast address contained in the addnode
register. The bit values in this field correspond one-to-one with the TNETX3150/TNETX3150A/TNETX3100 port
assignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com