Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX3150A Datasheet(PDF) 12 Page - Texas Instruments

Part # TNETX3150A
Description  ADDRESS-LOOKUP DEVICE
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETX3150A Datasheet(HTML) 12 Page - Texas Instruments

Back Button TNETX3150A Datasheet HTML 8Page - Texas Instruments TNETX3150A Datasheet HTML 9Page - Texas Instruments TNETX3150A Datasheet HTML 10Page - Texas Instruments TNETX3150A Datasheet HTML 11Page - Texas Instruments TNETX3150A Datasheet HTML 12Page - Texas Instruments TNETX3150A Datasheet HTML 13Page - Texas Instruments TNETX3150A Datasheet HTML 14Page - Texas Instruments TNETX3150A Datasheet HTML 15Page - Texas Instruments TNETX3150A Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 78 page
background image
TNETX15AE
ADDRESS-LOOKUP DEVICE
SPWS041A – AUGUST 1997 – REVISED OCTOBER 1997
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO register access (continued)
To access an internal register, post both halves of the address to the DIO address-low and DIO address-high
registers and read or write the DIO data register. The DIO access register code is given in Table 1. If the host
performs a read, the internal state machine enables the internal register at the posted address to drive the bus
when the read cycle is active. If the host performs a write to a TNETX15AE register, the value written to the data
register address is transferred to the posted address in the DIO address-low and DIO address-high registers.
SRDY (on a host read) indicates that the internal fetch was accomplished. A delay of up to 60 ns after cycle start
is encountered if the resource being requested is currently being used by an internal state machine. There are
dedicated cycles for DIO to prevent lockout, but they are allocated as 2 of 5, and DIO is asynchronous to internal
processes. SRDY (on a host write) indicates that the value written to the data register is captured and is written
to the resource addressed. For maximum throughput, SRDY should be part of the interface; if not, add 60 ns
to the minimum DIO cycle times.
If a range of consecutive (rising in order) accesses is needed, reading or writing to the DIO data auto-increment
register causes a post increment of the DIO address low and DIO address high registers after each access.
Reads and writes can be mixed in a string of accesses; the post increment is by one after each cycle.
All registers are set to their default values on a hardware reset (setting the RESET terminal low, then high). All
registers, except the control register, also are set to their default values on a software reset (setting the RESET
bit high in the control register).
Table 1. DIO Access Register Code
SAD1
SAD0
DESCRIPTION
0
0
DIO address low
0
1
DIO address high
1
0
DIO Data
1
1
DIO data auto-increment
DIO address register DIOADR at SAD1–SAD0 = 00b and 01b (host)
DIO ADDRESS HIGH
DIO ADDRESS LOW
15†
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0‡
DIOADR
† Most-significant bit
‡ Least-significant bit
BIT
NAME
FUNCTION
15–0
DIOADR
DIO address. DIOADR contains the internal DIO address used on subsequent accesses to the DIO data or DIO data
auto-increment registers. This field auto-increments (by one) on all accesses to the DIO data auto-increment register.
DIO data register DIODATA at SAD1–SAD0 = 10b (DIO)
The DIO data register address allows indirect access to internal TNETX15AE registers. This is a temporary
staging register for data being written through to an internal register (write) or fetched from an internal
register (read).
DIO address auto-increment register DIOADDRINC at SAD1–SAD0 = 11b (DIO)
The DIO address auto-increment register address allows indirect access to internal TNETX15AE registers. This
is a temporary staging register for data being written through to an internal register (write) or fetched from an
internal register (read). Accesses to this register cause a post increment of the DIO address register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com