Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 18 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 18 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 14Page - Seiko Instruments Inc MLP2012S Datasheet HTML 15Page - Seiko Instruments Inc MLP2012S Datasheet HTML 16Page - Seiko Instruments Inc MLP2012S Datasheet HTML 17Page - Seiko Instruments Inc MLP2012S Datasheet HTML 18Page - Seiko Instruments Inc MLP2012S Datasheet HTML 19Page - Seiko Instruments Inc MLP2012S Datasheet HTML 20Page - Seiko Instruments Inc MLP2012S Datasheet HTML 21Page - Seiko Instruments Inc MLP2012S Datasheet HTML 22Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
18
External Parts Selection
1. Inductor
The recommended L value of the S-8363 Series is 2.2
μH.
Caution When selecting an inductor, be careful about its allowable current. If a current exceeding the
allowable current flows through the inductor, magnetic saturation occurs, substantially lowering
the efficiency and destroying ICs due to large current. Therefore, select an inductor such that IPK
does not exceed the allowable current. The following equations express IPK in the ideal statuses
in the discontinuous and continuous modes :
IPK =
2
× IOUT × (VOUT + VD*2 − VIN)
fOSC*1
× L
(Discontinuous mode)
IPK =
VOUT + VD*2
VIN
× IOUT +
(VOUT + VD*2
− VIN) × VIN
2
× (VOUT + VD*2) × fOSC*1 × L
(Continuous mode)
*1.
fOSC : oscillation frequency
*2.
VD is the forward voltage of a diode. The reference value is 0.4 V.
However, current exceeding the above equation flows because conditions are practically not ideal.
Perform sufficient evaluation with actual application.
Table 9 Typical Inductors
Manufacturer
Name
L value
Direct resistor Rated current
Size (L
× W × H)[mm]
TDK Corporation
VLF302510-2R2M
2.2
μH
0.084
Ω max.
1.23 A max.
3.0
× 2.5 × 1.0
VLS3010T-2R2M
2.2
μH
0.116
Ω max.
1.2 A max.
3.0
× 3.0 × 1.0
VLS201610E
2.2
μH
0.276
Ω max.
0.94 A max.
2.0
× 1.6 × 0.95
MLP2012S2R2M
2.2
μH
0.300
Ω max.
0.8 A max.
2.0
× 1.25 × 1.0
Coilcraft, Inc
LPS3010-222ML
2.2
μH
0.220
Ω max.
1.3 A max.
3.0
× 3.0 × 1.0
Murata Manufacturing
Co., Ltd.
LQM2HPN2R2MG0
2.2
μH
0.080
Ω±25%
1.3 A max.
2.5
× 2.0 × 1.0
LQH3NPN2R2NG0
2.2
μH
0.140
Ω±20% 1.25 A max.
2.7
× 3.0 × 1.0
TAIYO YUDEN Co., Ltd.
NR3010T2R2M
2.2
μH
0.114
Ω max.
1.1 A max.
3.0
× 3.0 ×1.0
NR4010T2R2N
2.2
μH
0.180
Ω max.
1.15 A max.
4.0
× 4.0 ×1.0
BRL2518T2R2M
2.2
μH
0.1755
Ω max. 0.85 A max.
2.5
× 1.8 × 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com