Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 19 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 19 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 15Page - Seiko Instruments Inc MLP2012S Datasheet HTML 16Page - Seiko Instruments Inc MLP2012S Datasheet HTML 17Page - Seiko Instruments Inc MLP2012S Datasheet HTML 18Page - Seiko Instruments Inc MLP2012S Datasheet HTML 19Page - Seiko Instruments Inc MLP2012S Datasheet HTML 20Page - Seiko Instruments Inc MLP2012S Datasheet HTML 21Page - Seiko Instruments Inc MLP2012S Datasheet HTML 22Page - Seiko Instruments Inc MLP2012S Datasheet HTML 23Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
19
2. Diode
Use an externally mounted that meets the following conditions.
• Low forward voltage (Schottky barrier diode or similar types)
• High switching speed
• Reverse withstand voltage of VOUT + spike voltage or more
• Rated current of IPK or more
3. Input capacitor (CIN) and output capacitor (COUT)
To improve efficiency, an input capacitor (CIN) lowers the power supply impedance and averages the input current.
Select CIN according to the impedance of the power supply used. The recommended capacitance is 1
μF or more
for the S-8363 Series.
An output capacitor (COUT), which is used to smooth the output voltage, requires a capacitance larger than that of
the step-down type because the current is intermittently supplied from the input to the output side in the step-up
type. When the output voltage is low or the load current is large, enlarging an output capacitance value is required.
Moreover, when the output voltage is high, connecting a 0.1
μF ceramic capacitor in parallel is required. Mount
near a VOUT pin as possible.
The indication of an output capacitor to the setting value of VOUT voltage is shown in the table 10. Perform thorough
evaluation using an actual application to set the constant when selecting parts.
A ceramic capacitor can be used for both the input and output.
Table 10 Recommended Output Capacitance
VOUT voltage
Output capacitor (COUT)
< 2.5 V
10
μF × 2
2.5 V to 4.0 V
10
μF
4.0 V <
10
μF + 0.1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com