Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 25 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 25 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 21Page - Seiko Instruments Inc MLP2012S Datasheet HTML 22Page - Seiko Instruments Inc MLP2012S Datasheet HTML 23Page - Seiko Instruments Inc MLP2012S Datasheet HTML 24Page - Seiko Instruments Inc MLP2012S Datasheet HTML 25Page - Seiko Instruments Inc MLP2012S Datasheet HTML 26Page - Seiko Instruments Inc MLP2012S Datasheet HTML 27Page - Seiko Instruments Inc MLP2012S Datasheet HTML 28Page - Seiko Instruments Inc MLP2012S Datasheet HTML 29Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
25
4. Super-small power supply
Following shows a circuit example which gives top priority to reduce the implementation area by using the small
external parts and its characteristics.
L
S-8363
Series
VDD
VSS
ON/OFF
FB
COUT1
RFB1
RFB2
CFB
VOUT
CIN
SD
CONT
VOUT
COUT2
Figure 20 Circuit Example (For super-small power supply)
Table 14 External Parts Examples (For super-small power supply)
Condition
Output
Voltage
IC Product
Name
L Product
Name
SD Product
Name
COUT1
COUT2
RFB1
RFB2
CFB
1
1.8 V
S-8363B
MLP2012S
RB161SS-20
C1608X5R0J106M C1608X5R0J106M
30 k
Ω 15 kΩ
82 pF
2
3.3 V
S-8363B
MLP2012S
RB161SS-20
LMK212BJ106KD
0.1
μF
68 k
Ω 15 kΩ
47 pF
3
1.8 V
S-8363B
VLS201610E
RB161SS-20
C1608X5R0J106M C1608X5R0J106M
30 k
Ω 15 kΩ
82 pF
4
3.3 V
S-8363B
VLS201610E
RB161SS-20
LMK212BJ106KD
0.1
μF
68 k
Ω 15 kΩ
47 pF
5
1.8 V
S-8363B
BRL2518T2R2M RB161SS-20
C1608X5R0J106M C1608X5R0J106M
30 k
Ω 15 kΩ
82 pF
6
3.3 V
S-8363B
BRL2518T2R2M RB161SS-20
LMK212BJ106KD
0.1
μF
68 k
Ω 15 kΩ
47 pF
Caution
The above connection will not guarantee successful operation. Perform thorough evaluation using an
actual application to set the constant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com