Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 42 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 42 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 38Page - Seiko Instruments Inc MLP2012S Datasheet HTML 39Page - Seiko Instruments Inc MLP2012S Datasheet HTML 40Page - Seiko Instruments Inc MLP2012S Datasheet HTML 41Page - Seiko Instruments Inc MLP2012S Datasheet HTML 42Page - Seiko Instruments Inc MLP2012S Datasheet HTML 43Page - Seiko Instruments Inc MLP2012S Datasheet HTML 44Page - Seiko Instruments Inc MLP2012S Datasheet HTML 45Page - Seiko Instruments Inc MLP2012S Datasheet HTML 46Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
42
Marking Specification
(1) SNT-6A
SNT-6A
Top view
1
2
3
4
6
5
(1) to (3) :
Product code (Refer to Product name vs. Product code)
(4) to (6) :
Lot number
Product name vs. Product code
Product name
Product code
(1)
(2)
(3)
S-8363B-I6T1U2
I
9
B
(2) SOT-23-6
6
4
1
3
2
(1) (2) (3) (4)
SOT-23-6
Top view
5
(1) to (3) :
Product code (Refer to Product name vs. Product code)
(4) :
Lot number
Product name vs. Product code
Product name
Product code
(1)
(2)
(3)
S-8363B-M6T1U2
I
9
B
Remark Please select products of environmental code = U for Sn 100%, halogen-free products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com