Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 24 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 24 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 20Page - Seiko Instruments Inc MLP2012S Datasheet HTML 21Page - Seiko Instruments Inc MLP2012S Datasheet HTML 22Page - Seiko Instruments Inc MLP2012S Datasheet HTML 23Page - Seiko Instruments Inc MLP2012S Datasheet HTML 24Page - Seiko Instruments Inc MLP2012S Datasheet HTML 25Page - Seiko Instruments Inc MLP2012S Datasheet HTML 26Page - Seiko Instruments Inc MLP2012S Datasheet HTML 27Page - Seiko Instruments Inc MLP2012S Datasheet HTML 28Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
24
3. Output characteristics of power supply started by 0.9 V
Following shows the (1) Load current (IOUT) vs. Operating start voltage (VST), (2) Temperature (Ta) vs. Operating
start voltage (VST), (3) Load current (IOUT) vs. Efficiency (
η), (4) Load current (IOUT) vs. Output voltage (VOUT),
characteristics for conditions 1 to 6 in Table 13.
(1) Load current (IOUT) vs. Operating start voltage (VST)
(2) Temperature (Ta) vs. Operating start voltage (VST)
10
1
100
1.80
1.60
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
IOUT [mA]
Condition 3
Condition 5
Condition 6
Condition 2
Condition 4
Condition 1
0.4
1.1
Ta [
C]
−40
0.5
0.6
0.7
0.8
0.9
1.0
85
75
50
25
0
−25
Condition 1
Condition 4
Condition 2
Condition 5
Condition 3
Condition 6
(3) Load current (IOUT) vs. Efficiency (
η)
(4) Load current (IOUT) vs. Output voltage (VOUT)
0.01
1000
100
0
50
70
80
30
10
20
40
60
90
0.1
1
10
100
IOUT [mA]
Condition 2
Condition 3
Condition 1
Condition 4
Condition 6
Condition 5
0.01
1000
3.40
3.20
3.30
3.34
3.36
3.26
3.22
3.24
3.28
3.32
3.38
0.1
1
10
100
IOUT [mA]
Condition 4 Condition 5
Condition 2
Condition 6
Condition 3
Condition 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com