Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 34 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 34 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 30Page - Seiko Instruments Inc MLP2012S Datasheet HTML 31Page - Seiko Instruments Inc MLP2012S Datasheet HTML 32Page - Seiko Instruments Inc MLP2012S Datasheet HTML 33Page - Seiko Instruments Inc MLP2012S Datasheet HTML 34Page - Seiko Instruments Inc MLP2012S Datasheet HTML 35Page - Seiko Instruments Inc MLP2012S Datasheet HTML 36Page - Seiko Instruments Inc MLP2012S Datasheet HTML 37Page - Seiko Instruments Inc MLP2012S Datasheet HTML 38Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
34
3. Output waveform
(1) VOUT = 3.3 V(VIN = 1.98 V)
IOUT = 1 mA
IOUT = 10 mA
3.26
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
t [2
μs / div]
3.0
3.8
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VOUT
VCONT
3.26
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.0
3.8
3.1
3.2
3.3
3.4
3.5
3.6
3.7
t [1
μs / div]
VOUT
VCONT
IOUT = 100 mA
IOUT = 300 mA
3.26
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.8
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.0
t [1
μs / div]
VOUT
VCONT
3.26
3.34
3.33
3.32
3.31
3.30
3.29
3.28
3.27
3.8
3.1
3.2
3.3
3.4
3.5
3.6
3.7
3.0
t [1
μs / div]
VOUT
VCONT
(2) VOUT = 5.0 V(VIN = 3.0 V)
IOUT = 1 mA
IOUT = 10 mA
5.04
4.90
5.02
5.00
4.98
4.96
4.94
4.92
12.0
−2.0
10.0
8.0
6.0
4.0
2.0
0.0
t [2
μs / div]
VOUT
VCONT
5.04
4.90
5.02
5.00
4.98
4.96
4.94
4.92
12.0
−2.0
10.0
8.0
6.0
4.0
2.0
0.0
t [1
μs / div]
VOUT
VCONT
IOUT = 100 mA
IOUT = 300 mA
5.04
4.90
5.02
5.00
4.98
4.96
4.94
4.92
12.0
−2.0
10.0
8.0
6.0
4.0
2.0
0.0
t [1
μs / div]
VOUT
VCONT
5.04
4.90
5.02
5.00
4.98
4.96
4.94
4.92
12.0
−2.0
10.0
8.0
6.0
4.0
2.0
0.0
t [1
μs / div]
VOUT
VCONT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com