Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 30 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 30 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 26Page - Seiko Instruments Inc MLP2012S Datasheet HTML 27Page - Seiko Instruments Inc MLP2012S Datasheet HTML 28Page - Seiko Instruments Inc MLP2012S Datasheet HTML 29Page - Seiko Instruments Inc MLP2012S Datasheet HTML 30Page - Seiko Instruments Inc MLP2012S Datasheet HTML 31Page - Seiko Instruments Inc MLP2012S Datasheet HTML 32Page - Seiko Instruments Inc MLP2012S Datasheet HTML 33Page - Seiko Instruments Inc MLP2012S Datasheet HTML 34Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
S-8363 Series
Rev.2.0_01
30
(8) PWM / PFM switching duty ratio (PFMDuty) vs.
Operating input voltage (VIN)
(9) Output current at PWM / PFM switching (IPFM) vs.
Operating input voltage (VIN)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN [V]
25
0
20
15
10
5
VOUT = 1.8 V
VOUT = 3.32 V
VOUT = 5.0 V
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN [V]
70
0
60
50
40
30
20
10
VOUT = 1.8 V
VOUT = 3.32 V
VOUT = 5.0 V
(10) Limited current (ILIM) vs.
Operating input voltage (VIN)
(11) Maximum load current (IOUTMAX) vs.
Operating input voltage (VIN)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
1600
1400
1200
1000
800
600
400
VIN [V]
VOUT = 1.8 V
VOUT = 3.32 V
VOUT = 5.0 V
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN [V]
1000
0
500
700
800
300
100
200
400
600
900
VOUT = 1.8 V
VOUT = 3.32 V
VOUT = 5.0 V
(12) Power MOS FET leakage current (ILSW) vs.
Output voltage (VOUT)
(13) High level input voltage (VSH) vs.
Operating input voltage (VIN)
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.5
0.4
0.3
0.2
0.1
0.0
VOUT [V]
0.8
0.7
0.6
0.5
0.4
0.3
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN [V]
(14) Low level input voltage (VSL) vs.
Operating input voltage (VIN)
(15) FB voltage (VFB) vs. Output voltage (VOUT)
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
VIN [V]
0.63
0.62
0.61
0.60
0.59
0.58
0.57
VOUT [V]
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com