Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLP2012S Datasheet(PDF) 37 Page - Seiko Instruments Inc

Part # MLP2012S
Description  STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM / PFM SWITCHABLE SWITCHING REGULATOR
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

MLP2012S Datasheet(HTML) 37 Page - Seiko Instruments Inc

Back Button MLP2012S Datasheet HTML 33Page - Seiko Instruments Inc MLP2012S Datasheet HTML 34Page - Seiko Instruments Inc MLP2012S Datasheet HTML 35Page - Seiko Instruments Inc MLP2012S Datasheet HTML 36Page - Seiko Instruments Inc MLP2012S Datasheet HTML 37Page - Seiko Instruments Inc MLP2012S Datasheet HTML 38Page - Seiko Instruments Inc MLP2012S Datasheet HTML 39Page - Seiko Instruments Inc MLP2012S Datasheet HTML 40Page - Seiko Instruments Inc MLP2012S Datasheet HTML 41Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
STEP-UP, SUPER-SMALL PACKAGE, 1.2 MHz PWM/PFM SWITCHABLE SWITCHING REGULATOR
Rev.2.0_01
S-8363 Series
37
Reference Data
Reference data is provided to determine specific external components. Therefore, the following data shows the
characteristics of the recommended external components selected for various applications.
1. External parts
Table 15 Efficiency vs. Output Current Characteristics and Output Voltage vs. Output Current Characteristics for
External Parts (1 / 2)
Condition
Product Name
Output Voltage
L Product Name
SD Product Name
CIN
1
S-8363B
1.8 V
VLF302510
CRS08
C1608X7R1C105K
2
S-8363B
3.3 V
VLF302510
CRS08
EMK107B7105KA
3
S-8363B
5.0 V
VLF302510
CRS08
EMK107B7105KA
4
S-8363B
3.3 V
VLF302510
CRS08
C1608X7R1C105K
5
S-8363B
3.3 V
VLF302510
CRS08
C1608X7R1C105K
6
S-8363B
3.3 V
VLF302510
RB070M-30TR
EMK107B7105KA
7
S-8363B
3.3 V
VLF302510
RB051LA-40TR
EMK107B7105KA
Table 15 Efficiency vs. Output Current Characteristics and Output Voltage vs. Output Current Characteristics for
External Parts (2 / 2)
Condition
COUT1
COUT2
COUT3
RFB1
RFB2
CFB
1
C1608X5R0J106M
C1608X5R0J106M
⎯
30 k
Ω
15 k
Ω
82 pF
2
LMK212BJ106KD
0.1
μF
⎯
68 k
Ω
15 k
Ω
47 pF
3
LMK212BJ106KD
0.1
μF
⎯
110 k
Ω
15 k
Ω
38 pF
4
C1608X5R0J106M
C1608X5R0J106M
⎯
68 k
Ω
15 k
Ω
47 pF
5
C1608X5R0J106M
C1608X5R0J106M
C1608X5R0J106M
68 k
Ω
15 k
Ω
47 pF
6
LMK212BJ106KD
0.1
μF
⎯
68 k
Ω
15 k
Ω
47 pF
7
LMK212BJ106KD
0.1
μF
⎯
68 k
Ω
15 k
Ω
47 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com